Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9241AMPIZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9241AMPIZ
Description  Low Powr/2-Wire Serial Bus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPIZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9241AMPIZ Datasheet HTML 3Page - Intersil Corporation X9241AMPIZ Datasheet HTML 4Page - Intersil Corporation X9241AMPIZ Datasheet HTML 5Page - Intersil Corporation X9241AMPIZ Datasheet HTML 6Page - Intersil Corporation X9241AMPIZ Datasheet HTML 7Page - Intersil Corporation X9241AMPIZ Datasheet HTML 8Page - Intersil Corporation X9241AMPIZ Datasheet HTML 9Page - Intersil Corporation X9241AMPIZ Datasheet HTML 10Page - Intersil Corporation X9241AMPIZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN8164.1
September 15, 2005
Notes: (10) 1/0 = data is one or zero
(11) X = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical)
TABLE 1. INSTRUCTION SET
INSTRUCTION
INSTRUCTION FORMAT
OPERATION
I3
I2
I1
I0
P1
P0
R1
R0
Read WCR
1001
1/0(10)
1/0
X(11)
X
Read the contents of the Wiper Counter Register pointed to by P1 - P0
Write WCR
1010
1/0
1/0
X
X
Write new value to the Wiper Counter Register pointed to by P1 - P0
Read Data
Register
1011
1/0
1/0
1/0
1/0
Read the contents of the Register pointed to by P1 - P0 and R1 - R0
Write Data
Register
1100
1/0
1/0
1/0
1/0
Write new value to the Register pointed to by P1 - P0 and R1 - R0
XFR Data
Register to WCR
1101
1/0
1/0
1/0
1/0
Transfer the contents of the Register pointed to by P1 - P0 and R1 - R0
to its associated WCR
XFR WCR to
Data Register
1110
1/0
1/0
1/0
1/0
Transfer the contents of the WCR pointed to by P1 - P0 to the Register
pointed to by R1 - R0
Global XFR
Data Register to
WCR
0001
X
X
1/0
1/0
Transfer the contents of the Data Registers pointed to by R1 - R0 of all
four pots to their respective WCR
Global XFR
WCR to Data
Register
1000
X
X
1/0
1/0
Transfer the contents of all WCRs to their respective data Registers
pointed to by R1 - R0 of all four pots
Increment/
Decrement
Wiper
0010
1/0
1/0
X
X
Enable Increment/decrement of the WCR pointed to by P1 - P0
SCL from
Data Output
from Transmitter
1
89
START
Acknowledge
Master
Data Output
from Receiver
FIGURE 7. ACKNOWLEDGE RESPONSE FROM RECEIVER
X9241A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com