Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF-TVYEC33MCN Datasheet(PDF) 2 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RF-TVYEC33MCN
Description  The White LED which was fabricated using a blue chip and the phosphor, outline size
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RF-TVYEC33MCN Datasheet(HTML) 2 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

  RF-TVYEC33MCN Datasheet HTML 1Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYEC33MCN Datasheet HTML 2Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYEC33MCN Datasheet HTML 3Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYEC33MCN Datasheet HTML 4Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYEC33MCN Datasheet HTML 5Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYEC33MCN Datasheet HTML 6Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYEC33MCN Datasheet HTML 7Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYEC33MCN Datasheet HTML 8Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYEC33MCN Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
REFONDLT: WI-E-045
A/3
REV: E/5
Tel: +86-755-27865464
Fax:+86-755-27809120
E-mail: lingtao@refondlt.com
Web: www.refondlt.com
PAGE: 2
TG-201705120363NP
Contents/
1.Description
.................................................................................................................................................... 3
1.1 Description
................................................................................................................................................. 3
1.1.1 Features
.......................................................................................................................................... 3
1.1.2 Applications
.................................................................................................................................... 3
1.2 Package Dimension
...................................................................................................................... 4
1.3 Product Parameters
......................................................................................................................... 5
1.4 Bin Range Of Forward Voltage and Luminous Flux
(IF=600mA)
(IF=600mA)............................................................................................... 6
1.5 Typical optical characteristics curves
..................................................................... 9
2.Packaging
................................................................................................................................................... 13
2.1 Packaging Specifications
........................................................................................................... 13
2.1.1 Carrier Tape Dimensions
............................................................................................... 13
2.1.2 Reel Dimension
.................................................................................................................. 13
2.1.3 Label Form Specification
................................................................................................ 14
2.1.4 Moisture Resistant Packing Process
................................................................ 14
2.1.5 Cardboard Box
................................................................................................................... 14
2.1.6 Reliability Test Items And Conditions
............................................. 15
2.1.7 Criteria For Judging Damage
............................................................................... 16
3.SMT Reflow Soldering Instructions
SMT
................................................................................. 17
3.1.1 Soldering Iron
.................................................................................................................. 18
3.1.2 Repairing
........................................................................................................................................ 18
3.1.3 Cautions
................................................................................................................................ 18
4.Handling Precautions
.................................................................................................................... 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com