Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AC16541TTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC16541TTR
Description  16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC16541TTR Datasheet(HTML) 1 Page - STMicroelectronics

  74AC16541TTR Datasheet HTML 1Page - STMicroelectronics 74AC16541TTR Datasheet HTML 2Page - STMicroelectronics 74AC16541TTR Datasheet HTML 3Page - STMicroelectronics 74AC16541TTR Datasheet HTML 4Page - STMicroelectronics 74AC16541TTR Datasheet HTML 5Page - STMicroelectronics 74AC16541TTR Datasheet HTML 6Page - STMicroelectronics 74AC16541TTR Datasheet HTML 7Page - STMicroelectronics 74AC16541TTR Datasheet HTML 8Page - STMicroelectronics 74AC16541TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2003
s
HIGH SPEED:
tPD = 4.5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16541
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC16541 is an advanced high-speed
CMOS 16-BIT BUS BUFFER (3-STATE) fabricat-
ed with sub-micron silicon gate and double-layer
metal wiring C2MOS tecnology.
This is composed of two 8-bit sections with
separate output-enable signals. For either 8-bit
buffers section, the
3 STATE control gate
operates as a two input AND such that if either
nG1 and nG2 are high, all outputs are in the high
impedence state.
74AC16541
16-BIT BUS BUFFER
WITH 3-STATE OUTPUTS (NON INVERTED)
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74AC16541TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74AC16541TTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC16543 TI-74AC16543 Datasheet
162Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16543 TI1-74AC16543 Datasheet
176Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16543DL TI-74AC16543DL Datasheet
162Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16543DL TI1-74AC16543DL Datasheet
176Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16543DLR TI-74AC16543DLR Datasheet
162Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC16541TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-2000
logo
Toshiba Semiconductor
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHC16240 STMICROELECTRONICS-74VHC16240 Datasheet
149Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
2003-Feb
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
Feb-2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHCT16245A STMICROELECTRONICS-74VHCT16245A Datasheet
254Kb / 10P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com