Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS8535-4PC Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT90LS8535-4PC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PC Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT90LS8535-4PC Datasheet HTML 45Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 46Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 47Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 48Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 49Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 50Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 51Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 52Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
49
AT90S/LS8535
1041H–11/01
Watchdog Timer
The Watchdog Timer is clocked from a separate On-chip oscillator. By controlling the
Watchdog Timer prescaler, the Watchdog reset interval can be adjusted as shown in
Table 21. See characterization data for typical values at other V
CC levels. The WDR
(Watchdog Reset) instruction resets the Watchdog Timer. Eight different clock cycle
periods can be selected to determine the reset period. If the reset period expires without
another Watchdog reset, the AT90S8535 resets and executes from the reset vector. For
timing details on the Watchdog reset, refer to page 22.
To prevent unintentional disabling of the Watchdog, a special turn-off sequence must be
followed when the Watchdog is disabled. Refer to the description of the Watchdog Timer
Control Register for details.
Figure 36. Watchdog Timer
Watchdog Timer Control
Register – WDTCR
• Bits 7..5 – Res: Reserved Bits
These bits are reserved bits in the AT90S8535 and will always read as zero.
• Bit 4 – WDTOE: Watchdog Turn-off Enable
This bit must be set (one) when the WDE bit is cleared. Otherwise, the Watchdog will
not be disabled. Once set, hardware will clear this bit to zero after four clock cycles.
Refer to the description of the WDE bit for a Watchdog disable procedure.
• Bit 3 – WDE: Watchdog Enable
When the WDE is set (one) the Watchdog Timer is enabled and if the WDE is cleared
(zero) the Watchdog Timer function is disabled. WDE can only be cleared if the WDTOE
bit is set (one). To disable an enabled Watchdog Timer, the following procedure must be
followed:
1 MHz at V
CC = 5V
350 kHz at V
CC = 3V
Oscillator
Bit
7
6
543
2
1
0
$21 ($41)
–––
WDTOE
WDE
WDP2
WDP1
WDP0
WDTCR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com