Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS8535-4PI Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT90LS8535-4PI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PI Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT90LS8535-4PI Datasheet HTML 38Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 39Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 40Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 41Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 42Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 43Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 44Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 45Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 127 page
background image
42
AT90S/LS8535
1041H–11/01
Note:
X = A
In PWM mode, the Timer Overflow Flag1 (TOV1) is set when the counter advances from
$0000. Timer Overflow Interrupt1 operates exactly as in normal Timer/Counter mode,
i.e., it is executed when TOV1 is set, provided that Timer Overflow Interrupt1 and global
interrupts are enabled. This also applies to the Timer Output Compare1 flags and
interrupts.
8-bit Timer/Counter2
Figure 34 shows the block diagram for Timer/Counter2.
Figure 34. Timer/Counter2 Block Diagram
The 8-bit Timer/Counter2 can select clock source from PCK2 or prescaled PCK2. It can
also be stopped as described in the specification for the Timer/Counter Control Register
(TCCR2).
The diffe rent statu s flag s (Overflow an d Com pare M atch) a re foun d in th e
Timer/Counter Interrupt Flag Register (TIFR). Control signals are found in the
10
TOP
H
1
1
$0000
H
11
TOP
L
Table 16. PWM Outputs OCR1X = $0000 or TOP
COM1X1
COM1X0
OCR1X
Output OC1X
8-BIT DATA BUS
8-BIT ASYNCH T/C2 DATA BUS
ASYNCH. STATUS
REGISTER (ASSR)
TIMER INT. FLAG
REGISTER (TIFR)
TIMER/COUNTER2
(TCNT2)
SYNCH UNIT
8-BIT COMPARATOR
OUTPUT COMPARE
REGISTER2 (OCR2)
TIMER INT. MASK
REGISTER (TIMSK)
0
0
0
7
7
7
T/C CLK SOURCE
UP/DOWN
T/C CLEAR
CONTROL
LOGIC
TOSC1
CK
PCK2
T/C2 OVER-
FLOW IRQ
T/C2 COMPARE
MATCH IRQ
T/C2 CONTROL
REGISTER (TCCR2)
CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com