Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFD4400 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 30Page - NXP Semiconductors AFD4400 Datasheet HTML 31Page - NXP Semiconductors AFD4400 Datasheet HTML 32Page - NXP Semiconductors AFD4400 Datasheet HTML 33Page - NXP Semiconductors AFD4400 Datasheet HTML 34Page - NXP Semiconductors AFD4400 Datasheet HTML 35Page - NXP Semiconductors AFD4400 Datasheet HTML 36Page - NXP Semiconductors AFD4400 Datasheet HTML 37Page - NXP Semiconductors AFD4400 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 101 page
background image
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Electrical characteristics
Freescale Semiconductor
34
3
Electrical characteristics
This section provides the AC and DC electrical specifications. The device is currently targeted to these specifications. Some of
these specifications are independent of the I/O cell, but are included for a more complete reference.
3.1
Overall DC electrical characteristics
This section covers the ratings, conditions and other characteristics.
3.1.1
Absolute maximum ratings
Table 2 shows the absolute maximum operating ratings.
CAUTION
Stress beyond those listed in Table 2 may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these or any other conditions
beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
Table 2. Absolute maximum operating ratings
Parameter Symbol
Symbol
Min
Max
Unit
Note
Core supply voltage
DVDD
VDD
–0.3
1.1
V
—
PLL supply voltage
APVDD1
APVDD2
APVDD3
VDPLL
–0.3
1.98
V
—
SerDes PLL supply voltage
SD1_AVDD_PLL1
SD1_AVDD_PLL2
SD2_AVDD_PLL1
SD2_AVDD_PLL2
SD3_AVDD_PLL1
SD3_AVDD_PLL2
VDDSDP
–0.3
1.65
V
1
SerDes transceiver Core power supply for
receivers
SD1_XCOREVDD
SD2_XCOREVDD
SD3_XCOREVDD
VDDSDX
–0.3
1.1
V
—
SerDes transceiver pad power supply for
transmitter
SD1_XPADVDD
SD2_XPADVDD
SD3_XPADVDD
VDDSDIO
–0.3
1.65
V
1
JTAG supply voltage
JVDD
VDDGPIO
–0.3
3.6
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com