| Electronic Components Datasheet Search |
|
MRF5P20180HR6 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MRF5P20180HR6 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 12 page ![]() 2 RF Device Data Freescale Semiconductor MRF5P20180HR6 Table 3. ESD Protection Characteristics Test Conditions Class Human Body Model 2 (Minimum) Machine Model M3 (Minimum) Charge Device Model C7 (Minimum) Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit Off Characteristics (1) Zero Gate Voltage Drain Leakage Current (VDS = 65 Vdc, VGS = 0 Vdc) IDSS — — 10 µAdc Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0) IDSS — — 1 µAdc Gate-Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) IGSS — — 1 µAdc On Characteristics (1) Gate Threshold Voltage (VDS = 10 Vdc, ID = 200 µAdc) VGS(th) 2.5 2.7 3.5 Vdc Gate Quiescent Voltage (VDS = 28 Vdc, ID = 850 mAdc) VGS(Q) — 3.6 — Vdc Drain-Source On-Voltage (VGS = 10 Vdc, ID = 2 Adc) VDS(on) — 0.26 0.3 Vdc Forward Transconductance (VDS = 10 Vdc, ID = 2 Adc) gfs — 5 — S Dynamic Characteristics (1) Reverse Transfer Capacitance (VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss — 1.7 — pF Functional Tests (In Freescale Test Fixture, 50 ohm system) (2) VDD = 28 Vdc, IDQ = 2 x 800 mA, Pout = 38 W Avg., f1 = 1932.5 MHz, f2 = 1942.5 MHz and f1 = 1977.5 MHz, f2 = 1987.5 MHz, 2-carrier W-CDMA, 3.84 MHz Channel Bandwidth Carriers. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5 MHz Offset. IM3 measured in 3.84 MHz Bandwidth @ ±10 MHz Offset. Peak/Avg. = 8.5 dB @ 0.01% Probability on CCDF. Power Gain Gps 12.5 14 — dB Drain Efficiency ηD 23 26 — % Intermodulation Distortion IM3 — -37.5 -35 dBc Adjacent Channel Power Ratio ACPR — -41 -38 dBc Input Return Loss IRL — -16 -9 dB 1. Each side of device measured separately. Part is internally matched both on input and output. 2. Measurements made with device in push-pull configuration. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |