Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF7413ZPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7413ZPBF
Description  Control FET for Notebool Processor Power, Control and Synchronous Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7413ZPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7413ZPBF Datasheet HTML 1Page - International Rectifier IRF7413ZPBF Datasheet HTML 2Page - International Rectifier IRF7413ZPBF Datasheet HTML 3Page - International Rectifier IRF7413ZPBF Datasheet HTML 4Page - International Rectifier IRF7413ZPBF Datasheet HTML 5Page - International Rectifier IRF7413ZPBF Datasheet HTML 6Page - International Rectifier IRF7413ZPBF Datasheet HTML 7Page - International Rectifier IRF7413ZPBF Datasheet HTML 8Page - International Rectifier IRF7413ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF7413ZPbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 150°C
VGS = 0V
0
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
TA = 25°C
Tj = 150°C
Single Pulse
0
4
8
12
16
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VDS= 24V
VDS= 15V
ID= 10A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com