Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFK15N100Q Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFK15N100Q
Description  HiPerFET Power MOSFETs Q-Class
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK15N100Q Datasheet(HTML) 2 Page - IXYS Corporation

  IXFK15N100Q Datasheet HTML 1Page - IXYS Corporation IXFK15N100Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 10 V; I
D = 0.5 • ID25, pulse test
7
12
S
C
iss
4500
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
410
pF
C
rss
150
pF
t
d(on)
28
n s
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
27
n s
t
d(off)
R
G = 2.0 Ω (External),
67
n s
t
f
14
n s
Q
g(on)
130
170
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
31
nC
Q
gd
67
nC
R
thJC
0.35
K/W
R
thCK
TO-247
0.25
K/W
TO-264
0.15
K/W
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205
0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232
0.252
R
4.32
5.49
.170
.216
S
6.15
BSC
242
BSC
Terminals:
1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
TO-247 AD (IXFH) Outline
TO-268 Outline
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
15
A
I
SM
Repetitive; pulse width limited by T
JM
60
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
250
ns
Q
RM
1
µC
I
RM
9
A
I
F = IS -di/dt = 100 A/µs, VR = 100 V
IXFH 15N100Q IXFK 15N100Q
IXFT
15N100Q
TO-264 AA Outline
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.82
5.13
.190
.202
A1
2.54
2.89
.100
.114
A2
2.00
2.10
.079
.083
b
1.12
1.42
.044
.056
b1
2.39
2.69
.094
.106
b2
2.90
3.09
.114
.122
c
0.53
0.83
.021
.033
D
25.91
26.16
1.020
1.030
E
19.81
19.96
.780
.786
e
5.46 BSC
.215 BSC
J
0.00
0.25
.000
.010
K
0.00
0.25
.000
.010
L
20.32
20.83
.800
.820
L1
2.29
2.59
.090
.102
P
3.17
3.66
.125
.144
Q
6.07
6.27
.239
.247
Q1
8.38
8.69
.330
.342
R
3.81
4.32
.150
.170
R1
1.78
2.29
.070
.090
S
6.04
6.30
.238
.248
T
1.57
1.83
.062
.072
Dim.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com