Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCM2012 Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # FCM2012
Description  Ferrite Chip Bead(Lead Free)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

FCM2012 Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  FCM2012 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. FCM2012 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. FCM2012 Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. FCM2012 Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAI-TECH
www.tai-tech.com.tw
Tai-Tech
Part Number
Thickness
C size (mm)
Impedance (Ω)
Test Frequency
(MHz)
DC Resistance
(Ω) max.
Rated Current
(mA) max.
FCM2012KF-110T09
0.85±0.20
11±25%
100
䩏.10
900
FCM2012KF-170T06
0.85±0.20
17±25%
100
0.10
600
FCM2012KF-260T06
0.85±0.20
26±25%
100
0.10
600
FCM2012KF-300T06
0.85±0.20
30±25%
100
0.10
600
FCM2012KF-400T06
0.85±0.20
40±25%
100
0.10
600
FCM2012KF-600T09
0.85±0.20
60±25%
100
0.10
900
FCM2012KF-121T08
0.85±0.20
120±25%
100
0.20
800
FCM2012KF-151T08
0.85±0.20
150±25%
100
0.20
800
FCM2012KF-221T07
0.85±0.20
220±25%
100
0.30
750
FCM2012KF-301T07
0.85±0.20
300±25%
100
0.30
700
FCM2012KF-471T07
0.85±0.20
470±25%
100
0.35
700
FCM2012KF-601T05
0.85±0.20
600±25%
100
0.40
500
FCM2012KF-102T04
0.85±0.20
1000±25%
100
0.45
400
1. Features
2. Dimensions
3. Part Numbering
4. Specification
FCM
2012
KF
-
121
T
08
A
B
C
D
EF
A: Series
B: Dimension
L x W
C: Material
Lead Free Material
D: Impedance
121=120Ω
E: Packaging
T=Taping and Reel, B=Bulk(Bags)
F: Rated Current
08=800mA
Chip Size
A
2.00±0.20
B
1.25±0.20
C
0.85±0.20
1.25±0.20
D
0.50±0.30
Units: mm
1. Monolithic inorganic material construction.
2. Closed magnetic circuit avoids crosstalk.
3. S.M.T. type.
4. Suitable for reflow soldering.
5. Shapes and dimensions follow E.I.A. spec.
6. Available in various sizes.
7. Excellent solderability and heat resistance.
8. High reliability.
9. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
10. Operating Temperature:-55~+125℃(Including self-temperature rise)
Ferrite Chip Bead(Lead Free)
FCM2012-Series
Halogen-free
Halogen


Similar Part No. - FCM2012

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FCM2-A PANDUIT-FCM2-A Datasheet
142Kb / 8P
Adhesive Mounts
FCM2-A-C14 PANDUIT-FCM2-A-C14 Datasheet
4Mb / 192P
Cable Ties/Wiring Accessories Catalog?봚W-CTCB03
FCM2-A-C14 PANDUIT-FCM2-A-C14 Datasheet
488Kb / 8P
Adhesive Backed Mounts and Devices Features and Benefits
FCM2-A-C14 PANDUIT-FCM2-A-C14 Datasheet
116Kb / 1P
Latching Flat Cable Mounts
FCM2-S6-C14 PANDUIT-FCM2-S6-C14 Datasheet
47Kb / 2P
Adhesive Backed Latching Flat Cable Holder
More results

Similar Description - FCM2012

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MB31 TAI-TECH-MB31 Datasheet
83Kb / 2P
Ferrite Chip Bead(Lead Free)
MB21 TAI-TECH-MB21 Datasheet
85Kb / 2P
Ferrite Chip Bead(Lead Free)
MB18 TAI-TECH-MB18 Datasheet
84Kb / 2P
Ferrite Chip Bead(Lead Free)
MB15 TAI-TECH-MB15 Datasheet
130Kb / 2P
Ferrite Chip Bead(Lead Free)
FCM3216 TAI-TECH-FCM3216 Datasheet
106Kb / 2P
Ferrite Chip Bead(Lead Free)
FCM1608 TAI-TECH-FCM1608 Datasheet
123Kb / 4P
Ferrite Chip Bead(Lead Free)
FCM1005 TAI-TECH-FCM1005 Datasheet
107Kb / 2P
Ferrite Chip Bead(Lead Free)
FCM0603 TAI-TECH-FCM0603 Datasheet
110Kb / 3P
Ferrite Chip Bead(Lead Free)
FCM0402 TAI-TECH-FCM0402 Datasheet
88Kb / 2P
Ferrite Chip Bead(Lead Free)
FCA3216 TAI-TECH-FCA3216 Datasheet
78Kb / 2P
Ferrite Chip Bead Array(Lead Free)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com