Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GL602USB-A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GL602USB-A
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB-A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GL602USB-A Datasheet HTML 17Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 18Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 19Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 20Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 21Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 22Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 23Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 24Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Revision 1.6
-21-
02/28/2000
Low Speed: 75ns at CL = 50pF, 300ns at CL = 350pF
Full Speed: 4 to 20ns at CL = 50pF
Differential
Data Lines
10%
Rise Time
90%
Fall Time
tF
tR
10%
90%
CL
CL
Figure 4-5 Data Signal Rise and Fall Time
4.6.3 Serial Interface Engine (SIE)
The SIE manages data movement between the CPU and the transceiver. The SIE handles both transmit and
receive operations on the USB. It contains the logic used to manipulate the transceiver and the endpoint
registers.
The byte count buffer is loaded from TXCNT(TXCTL0<3~0>) during endpoint 0 transmit operations. This
same buffer is used for receive transactions to count the number of bytes received at endpoint 0 and, upon
the end of transaction, transfer the value to RXCNT(RXCTL0<3~0>).
When transmitting, the SIE handles parallel-to-serial conversion, CRC generation, NRZI encoding, and bit
stuffing. When receiving, the SIE handles sync detection, packet identification, end-of-packet detection, bit
(un)stuffing, NRZI decoding, CRC validation, and serial-to-parallel conversion. Errors detected by the SIE
include bad CRC, timeout while waiting for EOP, and bit stuffing violations.
All USB devices are required to have an endpoint 0 that is used to initialize and manipulate the device.
Endpoint 0 provides access to the device’s configuration information and allows generic USB status and
control accesses. Endpoint 0 can receive and transmit data. Both receive and transmit data share the same 8-
byte Endpoint 0 FIFO, FFDAT0. Received data may overwrite the data previously in the FIFO.
Transmission from endpoint 0 is controlled by TXCTL0 and receiving from endpoint 0 is controlled by
RXCTL0.
Endpoint 1/endpoint 2/endpoint 3 are of transmit only. Transmission from endpoint 1/endpoint 2/endpoint 3
is controlled by TXCTL123. The target endpoint should be chosen before writing to FFDAT123 and
TXCTL123. There are separated FIFO buffer for the 3 endpoints, but the programming interface for them is
unique, via FFDAT123 register. Size of endpoint 1 FIFO is 8 bytes, endpoint 2 FIFO is 6 bytes, and
endpoint 3 FIFO is 2 bytes.
4.7 INSTRUCTION SET SUMMARY
4.7.1 Operand Field Descriptions
Field
Description
r
Register address
A
Accumulator
i
Immediate data
b
Bit address within a 8-bit register
4.7.2 Instruction Set
Mnemonic,
Operands
Description
Cycles
Flags
Affected
Arithmetic Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com