| Electronic Components Datasheet Search |
|
STV8217T Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8217T Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 149 page ![]() General Description STV82x7 6/149 1 General Description The STV82x7 is a multistandard TV sound demodulator and audio processor which integrates SRS ® WOW™, SRS® TruSurround XT™, Dolby® Pro Logic®, Dolby® Pro Logic II®,Virtual Dolby ® Surround (VDS) and Virtual Dolby® Digital (VDD) capability. ST advanced algorithms such as ST OmniSurround, ST WideSurround, ST Dynamic Bass are also available in this audio sound processor. ST OmniSurround is a certified Dolby ® algorithm for the Virtual Dolby ® Digital (VDD) and the Virtual Dolby® Surround (VDS). When using VDD or VDS, either a Dolby ® Digital or a Pro Logic® (or Pro Logic II®) decoder is mandatory respectively. This chip performs automatic multistandard analog TV stereo sound identification and demodulation (no specific I²C programming is required). It offers various audio processing functions such as equalization, loudness, beeper, volume, balance, and surround effects. It provides a cost-effective solution for analog and digital TV designs. The STV82x7 is perfectly suited to current and future digital TV platforms, based on audio/video digital chips (STD2000, (DTV100 platform) and the future WorldWide iDTV one chip) which include an internal digital decoder (MPEG, Dolby ® Digital...). In the case where a Dolby® Digital decoder is embedded in the audio/video digital chip, Virtual Dolby ® Digital could be obtained. For the CTV100/120 platform, the device is offered as an alternative solution to the first-generation chassis that uses the STV82x6. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |