Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AHP121008RA-R24M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AHP121008RA-R24M
Description  Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP121008RA-R24M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP121008RA-R24M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP121008RA-R24M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature -40~+125℃ (Including self - temperature rise)
AHP
121008 RA
-
2R2
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
Material
D: Inductance
2R2=2.2uH
E: Inductance Tolerance
M=±20%
Series
A(mm)
A’(mm)
B(mm)
B’(mm)
C(mm)
D(mm)
E(mm)
AHP121008RA
1.2 ± 0.2
1.5 Max
1.0 ± 0.2
1.3 Max
0.8Max
0.40 ref. 0.40 ref.
Units: mm
Power Inductor
AHP121008RA-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR
(Ω) typ.
DCR
(Ω) Max.
I sat
(A) typ.
I sat
(A) Max.
I rms
(A) typ
I rms
(A) MAX
AHP121008RA-R24M
0.24
±20
1V/1M
0.075
0.090
4.00
3.50
2.80
2.30
AHP121008RA-R33M
0.33
±20
1V/1M
0.095
0.114
3.50-
3.00
2.50
2.10
AHP121008RA-R47M
0.47
±20
1V/1M
0.120
0.144
3.00
2.50
2.10
1.70
AHP121008RA-R68M
0.68
±20
1V/1M
0.170
0.204
2.00
1.50
1.80
1.50
AHP121008RA-1R0M
1.0
±20
1V/1M
0.190
0.228
1.50
1.20
1.50
1.40
AHP121008RA-1R5M
1.5
±20
1V/1M
0.270
0.324
1.30
1.10
1.30
1.10
AHP121008RA-2R2M
2.2
±20
1V/1M
0.480
0.576
1.25
1.05
1.00
0.85
AHP121008RA-3R3M
3.3
±20
1V/1M
0.750
0.900
1.15
0.90
0.85
0.70
AHP121008RA-4R7M
4.7
±20
1V/1M
1.100
1.320
0.90
0.70
0.65
0.55
AHP121008RA-6R8M
6.8
±20
1V/1M
1.750
2.100
0.65
0.55
0.50
0.45
AHP121008RA-100M
10.0
±20
1V/1M
2.000
2.400
0.50
0.40
0.45
0.40
Halogen-free
Halogen


Similar Part No. - AHP121008RA-R24M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
AHP121008FA TAI-TECH-AHP121008FA Datasheet
74Kb / 1P
Power Inductor
AHP121008FA-1R0M TAI-TECH-AHP121008FA-1R0M Datasheet
74Kb / 1P
Power Inductor
AHP121008FA-R24M TAI-TECH-AHP121008FA-R24M Datasheet
74Kb / 1P
Power Inductor
AHP121008FA-R33M TAI-TECH-AHP121008FA-R33M Datasheet
74Kb / 1P
Power Inductor
AHP121008FA-R47M TAI-TECH-AHP121008FA-R47M Datasheet
74Kb / 1P
Power Inductor
More results

Similar Description - AHP121008RA-R24M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com