Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL5225 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5225
Description  10-Channel TFT-LCD Reference Voltage Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5225 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5225 Datasheet HTML 1Page - Intersil Corporation EL5225 Datasheet HTML 2Page - Intersil Corporation EL5225 Datasheet HTML 3Page - Intersil Corporation EL5225 Datasheet HTML 4Page - Intersil Corporation EL5225 Datasheet HTML 5Page - Intersil Corporation EL5225 Datasheet HTML 6Page - Intersil Corporation EL5225 Datasheet HTML 7Page - Intersil Corporation EL5225 Datasheet HTML 8Page - Intersil Corporation EL5225 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN7356.0
March 11, 2004
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS & GND. . . . . . . . 4.5V (min) to 18V (max)
Supply Voltage between VSD & GND . . 3V (min) to VS and 7V (max)
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS = 15V, VSD = 5V, VREFH = 13V, VREFL = 2V, RL = 1.5kΩ and CL = 200pF to 0V, TA = 25°C, unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IS
Supply Current
No load
9
11.5
mA
ISD
Digital Supply Current
0.17
0.35
mA
ANALOG
VOL
Output Swing Low
Sinking 5mA (VREFH = 15V, VREFL = 0)
50
150
mV
VOH
Output Swing High
Sourcing 5mA (VREFH = 15V, VREFL = 0)
14.85
14.95
V
ISC
Short Circuit Current
RL = 10Ω
100
140
mA
PSRR
Power Supply Rejection Ratio
VS+ is moved from 14V to 16V
45
65
dB
tD
Program to Out Delay
4ms
VAC
Accuracy referred to the ideal value
Code = 512
20
mV
∆VMIS
Channel to Channel Mismatch
Code = 512
2
mV
VDROOP
Droop Voltage
12
mV/ms
RINH
Input Resistance @ VREFH, VREFL
32
k
REG
Load Regulation
IOUT = 5mA step
0.5
1.5
mV/mA
CAP
Band Gap
Bypass with 0.1µF
1
1.3
1.6
V
DIGITAL
VIH
Logic 1 Input Voltage
VSD = 5V
4
V
VSD = 3.3V
2
V
FCLK
Clock Frequency
5MHz
VIL
Logic 0 Input Voltage
VSD = 3.3V/5V
1
V
tS
Setup Time
20
ns
tH
Hold Time
20
ns
tLC
Load to Clock Time
20
ns
tCE
Clock to Load Line
20
ns
tDCO
Clock to Out Delay Time
Negative edge of SCLK
10
ns
RSDIN
SDIN Input Resistance
1G
TPULSE
Minimum Pulse Width for EXT_OSC
Signal
5µs
Duty Cycle
Duty Cycle for EXT_OSC Signal
50
%
INL
Integral Nonlinearity Error
1.3
LSB
DNL
Differential Nonlinearity Error
0.5
LSB
F_OSC
Internal Refresh Oscillator Frequency
OSC_Select = 0
21
kHz
EL5225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com