Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FPI0302BM-331M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # FPI0302BM-331M
Description  SMD Type Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

FPI0302BM-331M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  FPI0302BM-331M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. FPI0302BM-331M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
P1
1. Features
2. Dimension
3. Part Numbering
FPI
0302 BM
-
4R7 M
A
B
C
D
E
A: Series
B: Dimension
C: Lead free type
Black marking
D: Inductance
4R7=4.7uH
E: Inductance Tolerance
K=±10%, M=±20%
SMD Type Power Inductor
FPI0302BM-SERIES
Size
A(mm)
B(mm)
C(mm)
FPI 0302
3.50±0.3
3.00±0.3
2.10±0.3
MARKING
1R0
4R7
1.
Excellent solderability and high heat resistance.
2.
Excellent terminal strength construction.
3.
Packed in embossed carrier tape and can be used by automatic mounting machine.
4.
100% Lead(Pb) & Halogen-Free and RoHS compliant.
Pb-free
Pb
Halogen-free
Halogen
G
L
L(mm)
G(mm)
H(mm)
3.7
1.1
3.3
Recommended Land pattern


Similar Part No. - FPI0302BM-331M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
FPI0302BMV TAI-TECH-FPI0302BMV Datasheet
84Kb / 2P
SMD Type Power Inductor
FPI0302BMV-100M TAI-TECH-FPI0302BMV-100M Datasheet
84Kb / 2P
SMD Type Power Inductor
FPI0302BMV-101M TAI-TECH-FPI0302BMV-101M Datasheet
84Kb / 2P
SMD Type Power Inductor
FPI0302BMV-120M TAI-TECH-FPI0302BMV-120M Datasheet
84Kb / 2P
SMD Type Power Inductor
FPI0302BMV-121M TAI-TECH-FPI0302BMV-121M Datasheet
84Kb / 2P
SMD Type Power Inductor
More results

Similar Description - FPI0302BM-331M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
FPI0705BM TAI-TECH-FPI0705BM Datasheet
61Kb / 2P
SMD Type Power Inductor
FPI0703BM TAI-TECH-FPI0703BM Datasheet
61Kb / 2P
SMD Type Power Inductor
FPI0504BM TAI-TECH-FPI0504BM Datasheet
62Kb / 2P
SMD Type Power Inductor
FPI0503BM TAI-TECH-FPI0503BM Datasheet
73Kb / 1P
SMD Type Power Inductor
FPI0403BM TAI-TECH-FPI0403BM Datasheet
62Kb / 2P
SMD Type Power Inductor
FPI0705BMV TAI-TECH-FPI0705BMV Datasheet
84Kb / 2P
SMD Type Power Inductor
FPI0504BMV TAI-TECH-FPI0504BMV Datasheet
84Kb / 2P
SMD Type Power Inductor
FPI0503BMV TAI-TECH-FPI0503BMV Datasheet
83Kb / 2P
SMD Type Power Inductor
FPI0403BMV TAI-TECH-FPI0403BMV Datasheet
84Kb / 2P
SMD Type Power Inductor
FPI0302BMV TAI-TECH-FPI0302BMV Datasheet
84Kb / 2P
SMD Type Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com