Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS612LSG Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS612LSG
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSG Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS612LSG Datasheet HTML 2Page - Allegro MicroSystems ATS612LSG Datasheet HTML 3Page - Allegro MicroSystems ATS612LSG Datasheet HTML 4Page - Allegro MicroSystems ATS612LSG Datasheet HTML 5Page - Allegro MicroSystems ATS612LSG Datasheet HTML 6Page - Allegro MicroSystems ATS612LSG Datasheet HTML 7Page - Allegro MicroSystems ATS612LSG Datasheet HTML 8Page - Allegro MicroSystems ATS612LSG Datasheet HTML 9Page - Allegro MicroSystems ATS612LSG Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ATS612LSG
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR TOOTH SENSOR
Page 6 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2001, 2003 Allegro MicroSystems, Inc.
POWER DE-RATING
Due to internal power consumption, the temperature of
the IC (junction temperature, TJ) is higher than the
ambient environment temperature, TA. To ensure that
the device does not operate above the maximum rated
junction temperature use the following calculations:
∆T = P
D × R
θJA
Where: PD = VCC × ICC
∴ ∆T=V
CC × ICC × R
θJA
Where
∆T denotes the temperature rise resulting from
the IC’s power dissipation.
TJ = TA + ∆T
For the sensor :
TJ(max) = 165°C
RθJA = 126°C/W
Typical TJ calculation:
TA = 25 °C
VCC = 5 V
ICC = (ICC(ON)typ + ICC(OFF)typ) / 2 = (10.7 mA +
8.7 mA) / 2 = 9.7 mA
PD = VCC × ICC = 5 V × 9.7 mA = 48.5 mW
∆T = P
D × R
θJA = 48.5 mW × 165°C/W = 8.0°C
TJ = TA + ∆T = 25°C + 8.0°C = 33.0°C
Maximum Allowable Power Dissipation Calculation
for ATS612LSG:
Assume:
TA = TA(max) = 150 °C
TJ(max) = 165°C
Icc = (ION(max) + IOFF(max)) / 2
= (15 mA + 13 mA) / 2 = 14 mA
If:
TJ = TA + ∆T
Then:
∆T
(max) = TJ(max) – TA(max) = 165°C - 150°C = 15°C
If:
∆T = P
D × R
θJA
then:
PD(max) = ∆T(max) / RθJA = 15°C / 126°C/W = 119 mW
If:
PD = VCC × ICC
then the maximum VCC at 150°C is therefore:
VCC(max) = PD(max) / ICC = 119 mW / 15 mA = 7.9 V
This value applies only to the voltage drop across the
ATS612 chip. If a protective series diode or resistor is
used, the effective maximum supply voltage is
increased.
For example, when a standard diode with a 0.7 V drop is
used:
VS(max) = 7.9 V + 0.7 V = 8.6 V
SG Package Power De-Rating Curve
Thermal Resistance = 126°C/Watt, Tjmax = 165°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
20
40
60
80
100
120
140
160
180
200
Ambient Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com