Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS625LSGTN Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS625LSGTN
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSGTN Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS625LSGTN Datasheet HTML 1Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 2Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 3Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 4Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 5Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 6Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 7Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 8Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
Operating; TJ < TJmax
4.0
–
24
V
Undervoltage Lockout
VCCUV
–
–
< VCC(min)
V
Reverse Supply Current
IRCC
VCC = –18 V
–
–
–10
mA
Supply Zener Clamp Voltage1
VZ
ICC = 17 mA
28
–
–
V
Supply Zener Current2
IZ
VS = 28 V
–
–
17
mA
Supply Current
ICC
Output OFF
–
8.5
14
mA
Output ON
–
8.5
14
mA
POWER-ON CHARACTERISTICS
Power-On State
SPO
–
High
–
V
Power-On Time
tPO
Gear Speed < 100 RPM; VCC > VCC min
–
–
200
μs
OUTPUT STAGE
Low Output Voltage
VOUT(SAT) ISINK = 20 mA, Output = ON
–
200
450
mV
Output Current Limit
IOUT(LIM) VOUT = 12 V, TJ < TJmax
25
45
70
mA
Output Leakage Current
IOUT(OFF) Output = OFF, VOUT = 24 V
–
–
10
μA
Output Rise Time
tr
RL = 500 Ω, CL = 10 pF
–
1.0
2
μs
Output Fall Time
tf
RL = 500 Ω, CL = 10 pF
–
0.6
2
μs
SWITCHPOINT CHARACTERISTICS
Speed
S
Reference target 60+2
0
–
12000
rpm
Bandwidth
BW
Corresponds to switching frequency – 3 dB
–
20
–
kHz
Operate Point
BOP
% of peak-to-peak signal, AG < AGmax;
BIN transitioning from LOW to HIGH
–60
–
%
Release Point
BRP
% of peak-to-peak signal, AG < AGmax;
BIN transitioning from HIGH to LOW
–40
–
%
CALIBRATION
Initial Calibration3
CalPO
Start-up
–
1
6
edges
Calibration Update
Cal
Running mode operation
continuous
–
Operating Characteristics Valid at TA = –40°C to 150°C, TJ ≤TJ(max), over full range of AG, unless otherwise noted; typical
operating parameters: VCC = 12 V and TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Continued on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com