Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95M04-DR Datasheet(PDF) 17 Page - STMicroelectronics

Part # M95M04-DR
Description  4-Mbit serial SPI bus EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M04-DR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M95M04-DR Datasheet HTML 13Page - STMicroelectronics M95M04-DR Datasheet HTML 14Page - STMicroelectronics M95M04-DR Datasheet HTML 15Page - STMicroelectronics M95M04-DR Datasheet HTML 16Page - STMicroelectronics M95M04-DR Datasheet HTML 17Page - STMicroelectronics M95M04-DR Datasheet HTML 18Page - STMicroelectronics M95M04-DR Datasheet HTML 19Page - STMicroelectronics M95M04-DR Datasheet HTML 20Page - STMicroelectronics M95M04-DR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
DS12179 Rev 1
17/46
M95M04-DR
Instructions
37
6.1
Write enable (WREN)
The Write enable latch (WEL) bit must be set prior to each WRITE and WRSR instruction.
The only way to do this is to send a Write enable instruction to the device.
As shown in Figure 8, to send this instruction to the device, Chip select (S) is driven low, and
the bits of the instruction byte are shifted in, on Serial data input (D). The device then enters
a wait state. It waits for the device to be deselected by Chip select (S) being driven high.
Figure 8. Write enable (WREN) sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com