Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC613PI2A-0131 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC613PI2A-0131
Description  Three-Output Low Power MEMS Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC613PI2A-0131 Datasheet(HTML) 1 Page - Microchip Technology

  DSC613PI2A-0131 Datasheet HTML 1Page - Microchip Technology DSC613PI2A-0131 Datasheet HTML 2Page - Microchip Technology DSC613PI2A-0131 Datasheet HTML 3Page - Microchip Technology DSC613PI2A-0131 Datasheet HTML 4Page - Microchip Technology DSC613PI2A-0131 Datasheet HTML 5Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSC613PI2A-0131
Three-Output Low Power MEMS Clock Generator
General Description
The DSC613PI2A-0131 is a three-output low power
MEMS clock generator.
The MEMS based clock generator eliminates the need
of external crystal or reference clock.
Refer to
to read
full
descriptions.
DSC613 master data sheet
Features
• Three LVCMOS clock outputs:
12MHz, 25MHz, 32.768kHz
• Ultra-small package size: 1.6mm x 1.2mm 6L LGA
• High stability: ±25ppm
• Temperature range: -40°C to +85°C
• Low power consumption: ~5.2mA (all outputs active)
• Wide supply voltage range: 1.71V -3.63V VDD
• Excellent shock and vibration immunity
• High reliability
• Lead free and RoHS compliant
• AEC-Q100 automotive grade available
Pin Configuration and Description
6-pin 1.6mm x 1.2mm 6L LGA
NC
Output 3
32.768kHz
VSS
VDD
Output 2
25MHz
Output 1
12MHz
Pin Number Pin Name
Pin Type
Pin Description
1
NC
I
Non-functional, do not connect
2
Output 3
O
32.768kHz LVCMOS Clock Output
3
VSS
Power
Power Supply Ground
4
Output 1
O
12MHz LVCMOS Clock Output
5
Output 2
O
25MHz LVCMOS Clock Output
6
VDD
Power
Power Supply
ClockWorks is a registered trademark of Microchip Technology Inc.
Microchip Technology Inc.
http://www.microchip.com
November 20, 2018
Revision 1.0
tcghelp@microchip.com
7130


Similar Part No. - DSC613PI2A-0131

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC613PI3A-0105 MICROCHIP-DSC613PI3A-0105 Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC613PI3A-0105T MICROCHIP-DSC613PI3A-0105T Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
More results

Similar Description - DSC613PI2A-0131

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC613NI2A-0106 MICROCHIP-DSC613NI2A-0106 Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC613NI3A-0105 MICROCHIP-DSC613NI3A-0105 Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC613PI3A-0105 MICROCHIP-DSC613PI3A-0105 Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC613PL2A-0131 MICROCHIP-DSC613PL2A-0131 Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC613PL3A-0106 MICROCHIP-DSC613PL3A-0106 Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC613RA2A-0106 MICROCHIP-DSC613RA2A-0106 Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC613RE1A-0136 MICROCHIP-DSC613RE1A-0136 Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 28, 2018 Revision 1.0
DSC613RI3A-010U MICROCHIP-DSC613RI3A-010U Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC613RI3A-012W MICROCHIP-DSC613RI3A-012W Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC613RL2A-0131 MICROCHIP-DSC613RL2A-0131 Datasheet
1Mb / 5P
Three-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com