Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC613PI3A-0105 Datasheet(PDF) 2 Page - Microchip Technology

Part # DSC613PI3A-0105
Description  Three-Output Low Power MEMS Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC613PI3A-0105 Datasheet(HTML) 2 Page - Microchip Technology

  DSC613PI3A-0105 Datasheet HTML 1Page - Microchip Technology DSC613PI3A-0105 Datasheet HTML 2Page - Microchip Technology DSC613PI3A-0105 Datasheet HTML 3Page - Microchip Technology DSC613PI3A-0105 Datasheet HTML 4Page - Microchip Technology DSC613PI3A-0105 Datasheet HTML 5Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Microchip Technology Inc.
DSC613PI3A-0105
Ordering Information
Ordering Part Number
Temperature Range
High Stability
Shipping
Package
DSC613PI3A-0105
-40°C to +85°C
±20ppm
Bag
1.6mm x 1.2mm 6L LGA
DSC613PI3A-0105T
-40°C to +85°C
±20ppm
Tape and Reel
1.6mm x 1.2mm 6L LGA
Devices are Green and RoHS compliant. Sample material may have only a partial top mark.
Microchip makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data
sheet. This information is not intended as a warranty and Microchip does not assume responsibility for its use. Microchip reserves the right
to change circuitry, specifications and descriptions at any time without notice. No license, whether express, implied, arising by
estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Microchip's terms and
conditions of sale for such products, Microchip assumes no liability whatsoever, and Microchip disclaims any express or implied warranty
relating to the sale and/or use of Microchip products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright or other intellectual property right.
Microchip products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction
of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a)
are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected
to result in a significant injury to the user. A Purchaser's use or sale of Microchip Products for use in life support appliances, devices
or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Microchip for any damages resulting from such use or sale.
© 2018 Microchip Technology Inc.
November 15, 2018
2
Revision 1.0
tcghelp@microchip.com
7104



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com