Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4013M013TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCF4013M013TR
Description  Dual D-type flip-flop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4013M013TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4013M013TR Datasheet HTML 4Page - STMicroelectronics HCF4013M013TR Datasheet HTML 5Page - STMicroelectronics HCF4013M013TR Datasheet HTML 6Page - STMicroelectronics HCF4013M013TR Datasheet HTML 7Page - STMicroelectronics HCF4013M013TR Datasheet HTML 8Page - STMicroelectronics HCF4013M013TR Datasheet HTML 9Page - STMicroelectronics HCF4013M013TR Datasheet HTML 10Page - STMicroelectronics HCF4013M013TR Datasheet HTML 11Page - STMicroelectronics HCF4013M013TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical characteristics
HCF4013
8/13
DocID2023 Rev 4
Figure 4. Test circuit
1. Legend: CL = 50 pF or equivalent (includes jig and probe capacitance), RL = 200 KΩ, RT = ZOUT of pulse
generator (typically 50
Ω)
Figure 5. Dn to Qn timings (50 % clock duty cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com