Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AEK-COM-BLEV1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AEK-COM-BLEV1
Description  Bluetooth communication board based on BlueNRG-1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-BLEV1 Datasheet(HTML) 3 Page - STMicroelectronics

  AEK-COM-BLEV1 Datasheet HTML 1Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 2Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 3Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 4Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 5Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 6Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 7Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 8Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Step 3.
From the top menu, select [Target]>[Settings] and ensure the following parameters are set:
–
Frequency: 4.0 MHz
–
Mode: Normal
–
Port: SWD
Figure 1. BlueNRG-1 ST-LINK Utility settings
Step 4.
Press [OK] to confirm
Step 5.
From the main menu, select [Target]>[Connect] to connect the programmer
The ST-LINK/V2 LED starts blinking
Step 6.
From main menu, select [Target]>[Program Verify]
AEK-COM-BLEV1
Firmware burning procedure
DB4125 - Rev 1
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com