Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4Q5XX Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32L4Q5XX
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, 1-MB Flash memory, 320-KB SRAM, LCD-TFT, AESPKA
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4Q5XX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32L4Q5XX Datasheet HTML 9Page - STMicroelectronics STM32L4Q5XX Datasheet HTML 10Page - STMicroelectronics STM32L4Q5XX Datasheet HTML 11Page - STMicroelectronics STM32L4Q5XX Datasheet HTML 12Page - STMicroelectronics STM32L4Q5XX Datasheet HTML 13Page - STMicroelectronics STM32L4Q5XX Datasheet HTML 14Page - STMicroelectronics STM32L4Q5XX Datasheet HTML 15Page - STMicroelectronics STM32L4Q5XX Datasheet HTML 16Page - STMicroelectronics STM32L4Q5XX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 284 page
background image
DS12902 Rev 1
13/284
STM32L4Q5xx
Description
16
2
Description
STM32L4Q5xx designates a family of ultra-low-power microcontroller devices (part of
STM32L4+ Series) based on the high-performance Arm® Cortex®-M4 32-bit RISC core.
They operate at a frequency of up to 120 MHz.
The Cortex-M4 core features a single-precision floating-point unit (FPU), which supports all
the Arm® single-precision data-processing instructions and all the data types. The Cortex-
M4 core also implements a full set of DSP (digital signal processing) instructions and a
memory protection unit (MPU) that enhances the application’s security.
These devices embed high-speed memories (1 Mbyte of Flash memory and 320 Kbytes of
SRAM), a flexible external memory controller (FSMC) for static memories (for devices with
packages of 100 pins and more), two OCTOSPI Flash memory interfaces (for devices with
packages of 100 pins or more) and an extensive range of enhanced I/Os and peripherals
connected to two APB buses, two AHB buses and a 32-bit multi-AHB bus matrix.
These devices embed several protection mechanisms for embedded Flash memory and
SRAM: readout protection, write protection, proprietary code readout protection and a
firewall.
These devices offer two fast 12-bit ADCs (5 Msps), two comparators, two operational
amplifiers, two DAC channels, an internal voltage reference buffer, a low-power RTC, two
general-purpose 32-bit timers, two 16-bit PWM timers dedicated to motor control, seven
general-purpose 16-bit timers, and two 16-bit low-power timers. The devices support two
digital filters for external sigma delta modulators (DFSDMs). In addition, up to 24 capacitive
sensing channels are available.
They also feature standard and advanced communication interfaces such as:
•
Four I2Cs
•
Three SPIs
•
Three USARTs, two UARTs and one low-power UART
•
Two SAIs
•
Two SDMMCs
•
One CAN
•
One USB OTG full-speed
•
Camera interface
•
Synchronous parallel data interface (PSSI)
STM32L4Q5xx devices embed an AES and a PKA hardware accelerator.
The devices operate in the -40 to +85 °C (+105 °C junction) and -40 to +125 °C (+130 °C
junction) temperature ranges from a 1.71 to 3.6 V power supply. A comprehensive set of
power-saving modes allows the design of low-power applications.
Some independent power supplies are supported such as an analog independent supply
input for ADC, DAC, OPAMPs and comparators, a 3.3 V dedicated supply input for USB and
up to 14 I/Os, which can be supplied independently down to 1.08 V. A VBAT input allows
backup of the RTC and the registers.
The STM32L4Q5xx family offers eight packages from 48-pin to 169-pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com