Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMC6A09DN8TA Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXMC6A09DN8TA
Description  COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC6A09DN8TA Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXMC6A09DN8TA Datasheet HTML 2Page - Zetex Semiconductors ZXMC6A09DN8TA Datasheet HTML 3Page - Zetex Semiconductors ZXMC6A09DN8TA Datasheet HTML 4Page - Zetex Semiconductors ZXMC6A09DN8TA Datasheet HTML 5Page - Zetex Semiconductors ZXMC6A09DN8TA Datasheet HTML 6Page - Zetex Semiconductors ZXMC6A09DN8TA Datasheet HTML 7Page - Zetex Semiconductors ZXMC6A09DN8TA Datasheet HTML 8Page - Zetex Semiconductors ZXMC6A09DN8TA Datasheet HTML 9Page - Zetex Semiconductors ZXMC6A09DN8TA Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXMC6A09DN8
ISSUE 3 - AUGUST 2004
9
0.1
1
10
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
C
RSS
C
OSS
C
ISS
V
GS
=0V
f= 1MHz
-V
DS -Drain -Source Voltage (V)
0
10203040
0
2
4
6
8
10
I
D
= -3.5A
V
DS
= -30V
Gate-Source VoltagevGateCharge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
P-CHANNEL TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10