Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DD240KB Datasheet(PDF) 2 Page - SanRex Corporation

Part # DD240KB
Description  DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD240KB Datasheet(HTML) 2 Page - SanRex Corporation

  DD240KB Datasheet HTML 1Page - SanRex Corporation DD240KB Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD240KB
Maximum Forward Characteristics
Forward Voltage Drop(V)
20
200
2000
50
500
5000
10
100
1000
10000
0.
5
1
1.
5
2
2.
5
3
T
j=25℃
Maximum
Per one element
Average Forward Current vs.
Power Dissipation
Average Forward Current(A)
500
400
300
200
100
0
0
50
400
350
300
200
100
150
250
Per one element
Three Phase
Single Phase
D.C.
Average Forward Current(A)
Average Forward Current vs.
Allowable Case Temperature
150
130
110
50
90
70
0
50
100
200
250
400
350
300
150
Single Phase
Per one element
Three Phase
D.C.
Single Phase
Per one element
Three Phase
D.C.
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
6000
5000
3000
4000
2000
1000
0
5
2
1
20
50
100
10
60Hz
Per one element
50Hz
T
j=25℃ start
0.
20
0.
16
0.
12
0.
08
0.
04
0.
002 0.
0050.
010.
02 0.
05 0.
1 0.
2
0.
5
0.
001
0
Transient Thermal Impedance
Time
t(sec)
5
2
20
10
1
2
50
Junction to Case
Per one element
Maximum
SanRex
®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com