Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAC3MP-HC Datasheet(PDF) 2 Page - Neutrik AG

Part # NAC3MP-HC
Description  powerCON 32 A chassis connector, power-in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NAC3MP-HC Datasheet(HTML) 2 Page - Neutrik AG

  NAC3MP-HC Datasheet HTML 1Page - Neutrik AG NAC3MP-HC Datasheet HTML 2Page - Neutrik AG NAC3MP-HC Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NAC3MP-HC
Connection Type
powerCON
Gender
male
Electrical
Contact resistance
≤ 3 mΩ
Dielectric strength
4 kVdc / 2.8 kVac
Insulation resistance
> 10 GΩ (initial)
Rated current per contact
32 A (30A for cUL)
Rated voltage
250 V ac
Mechanical
Lifetime
> 1000 mating cycles
Wiresize
2.5 - 6 mm²
Wiresize
14 - 10 AWG
Wiring
screw terminals
Locking device
Quick Lock
Material
Contact plating
4 µm Ag
Contacts
Bronze (CuSn0.2)
Locking element
Steel Ck67
Shell
Polyamide (PA 6.6 25 % GR)
NAC3MP-HC
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com