Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPI2510V1-4R7-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MPI2510V1-4R7-R
Description  High current, low profile, miniature power inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI2510V1-4R7-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MPI2510V1-4R7-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI2510V1-4R7-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI2510V1-4R7-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI2510V1-4R7-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI2510V1-4R7-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI2510V1-4R7-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI2510V1-4R7-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI2510V1-4R7-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI2510V1-4R7-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MPI25-V1
High current, low profile, miniature power inductors
Technical Data Preliminary
030817
Product features
Product features
Product features
Product features
High current carrying capacity in compact
standard 1008 (2520 metric) footprint
Magnetically shielded, Low EMI
Rugged flexible construction
Inductance range from 0.33 µH to 4.7 µH
Current range from 1.22 A to 6.8 A
2.7 mm x 2.2 mm footprint surface mount
package in 1.0 mm and 1.2 mm heights
Moisture Sensitivity Level (MSL): 1
Applications
Applications
Applications
Applications
Smart phones
Handheld/mobile devices
Digital cameras
Media players
GPS
MP3 Players
Wearable electronics
Tablets/e-readers
Environmental
Environmental
Environmental
Environmental data
data
data
data
Storage temperature range (Component):
-40
°C to +125 °C
Operating temperature range: -40
°C to +125 °C
(ambient plus self-temperature rise)
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Halogen free, lead free, RoHS compliant


Similar Part No. - MPI2510V1-4R7-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MPI2510V2-1R0-R EATON-MPI2510V2-1R0-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI2510V2-1R5-R EATON-MPI2510V2-1R5-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI2510V2-2R2-R EATON-MPI2510V2-2R2-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI2510V2-3R3-R EATON-MPI2510V2-3R3-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI2510V2-4R7-R EATON-MPI2510V2-4R7-R Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
More results

Similar Description - MPI2510V1-4R7-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP1105R1-R10-R COOPER-FP1105R1-R10-R Datasheet
339Kb / 4P
High Current, Low-Profile Power Inductors
logo
Eaton All Rights Reserv...
FP2 EATON-FP2 Datasheet
661Kb / 5P
Low profile, high current power inductors
HC8LP EATON-HC8LP Datasheet
417Kb / 4P
Low profile, high current power inductors
MPI2520 EATON-MPI2520 Datasheet
3Mb / 7P
High Current, Low Profile, Miniature Power Inductors
HC2LP EATON-HC2LP Datasheet
340Kb / 4P
Low profile, high current power inductors
MPI25-V2 EATON-MPI25-V2 Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI40-V2 EATON-MPI40-V2 Datasheet
1Mb / 22P
High current, low profile, miniature power inductors
MPIA25-V2 EATON-MPIA25-V2 Datasheet
648Kb / 12P
Automotive grade High current, low profile, miniature power inductors
MPIA40-V2 EATON-MPIA40-V2 Datasheet
1Mb / 22P
Automotive grade High current, low profile, miniature power inductors
MPI5451 EATON-MPI5451 Datasheet
2Mb / 8P
High current, low profile power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com