Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP18480 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 1 Page - Microchip Technology

  MCP18480 Datasheet HTML 1Page - Microchip Technology MCP18480 Datasheet HTML 2Page - Microchip Technology MCP18480 Datasheet HTML 3Page - Microchip Technology MCP18480 Datasheet HTML 4Page - Microchip Technology MCP18480 Datasheet HTML 5Page - Microchip Technology MCP18480 Datasheet HTML 6Page - Microchip Technology MCP18480 Datasheet HTML 7Page - Microchip Technology MCP18480 Datasheet HTML 8Page - Microchip Technology MCP18480 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 1
M
MCP18480
Features
• Allows safe board removal and insertion from a
live backplane
• Accurate (<1.5%) internal voltage reference for
fault detection and precision timing
• Programmable foldback current limiting
• Programmable circuit breaker current limiting
• Auto restart option for all faults
• Adjustable Undervoltage lockout thresholds
• Adjustable Overvoltage protection threshold
• Adjustable Power Good delay
• Configurable Power Good output polarity
• Low-side drive of an external N-channel FET
CMOS Technology
• High-Voltage Operation
• Temperature range: Industrial (I): -40°C to +85°C
Packaging
• 20-lead SSOP
Package Type
Description
The MCP18480 is a Hot Swap controller that allows
boards to be safely removed or inserted from an active
backplane using -48V.
When PCBs are inserted into a live backplane, high-
peak or transient currents from the source are gener-
ated due to the charging of the bypass capacitors on
the supply. The high transient currents can destroy
connectors and capacitors. The high inrush current can
pull the input voltage BUS down and reset the system.
The MCP18480 solves this problem by controlling the
slew rate of the backplane voltage to the board so that
these transients are eliminated. This allows boards to
be removed and inserted without causing damage to
connector pins and input bulk capacitors, in addition to
preventing false resets to the other boards on the
backplane.
The MCP18480 can be used in applications in several
areas including:
• Telecom Line Cards
• Network Switches
• Network Routers and Servers
• Base Station Line Cards
• Power-Over-LAN
•Power-Over-MDI
• IP Phone Switches/Routers
• Mid-Span, Power-Over-MDI
Two forms of current limit are provided in the
MCP18480. These are:
• Foldback
• Circuit breaker
The foldback current-limiting circuit uses an external
sense resistor and a voltage that is proportional to the
external MOSFET’s drain voltage. These are used to
keep the MOSFET in its Safe Operating Area (SOA).
If the device remains in current limit for a programmed
time period, the external N-channel FET is turned off.
The option exists to configure the device to automati-
cally restart after a programmed time delay. A program-
mable catastrophic current limit threshold shuts down
the switch (circuit breaker) if excessive current is
sensed due to a short-circuit condition.
2
3
4
5
6
7
8
9
10
1
19
18
16
15
14
13
12
11
17
20
ENABLE
RESTART
UVD
VREFIN
OVO
VFB
PWRGOOD
DRAINTH
SENSE
GATE
CL
ISET
TIMER
RDISCH
VNEG
OVTH
UVTH
UVHYS
VREFOUT
VPOS
SSOP
-48V Hot Swap Controller


Similar Part No. - MCP18480

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
-48V Hot Swap Controller
10/26/12
More results

Similar Description - MCP18480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
-48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
logo
Linear Technology
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
Negative 48V Hot Swap Controller
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
-48V Programmable Hot Swap Sequencing Power Controller
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
-48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
-48V Hot Swap Controller with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
-48V Hot Swap Controller
10/26/12
logo
Linear Technology
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
Negative 48V Hot Swap Controller
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
Negative 48V Hot Swap Controller
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com