Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EZM11200FST Datasheet(PDF) 1 Page - Schneider Electric

Part # EZM11200FST
Description  EZM METER 1PH 1200A MAIN SW OHONLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

EZM11200FST Datasheet(HTML) 1 Page - Schneider Electric

  EZM11200FST Datasheet HTML 1Page - Schneider Electric EZM11200FST Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
EZM11200FST
EZM METER 1PH 1200A MAIN SW OHONLY
Price** : 11,564.00 USD
Main
Range of product
EZ meter-pak
Product or component type
Meter center main unit
Main type
Main Fusible Switch
Included Items
Closing plate
Main switch2P 1200 A 100 kA
Complementary
Main rated current
1200 A
Bus rated current
1200 A
Material
Aluminium busbar
Enclosure material
Steel
[Ue] rated operational voltage
120/240 V AC
Device mounting
Surface
Number of Phases
1 phase in
1 phase out
Service feed location
OH
Electrical connection
Lugs 1 AWG 6...300 kcmil aluminium/copper) ground
Lugs 4 AWG 3/0...500 kcmil aluminium/copper) line
Lugs 4 AWG 3/0...500 kcmil aluminium/copper) neutral
Wiring configuration
3-wire
Height
46.90 in (1191.26 mm)
Width
23.69 in (601.73 mm)
Depth
13.69 in (347.73 mm)
Environment
Product certifications
UL listed
Enclosure Rating
NEMA 3R
Mar 23, 2020
1


Similar Part No. - EZM11200FST

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EZM11200FSB SCHNEIDER-EZM11200FSB Datasheet
96Kb / 2P
EZM METER 1PH 1200A SW UGONLY
Mar 23, 2020
EZM11200FSE SCHNEIDER-EZM11200FSE Datasheet
96Kb / 2P
EZM METER 1PH 1200A MAIN SW EUSERC
Mar 23, 2020
More results

Similar Description - EZM11200FST

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EZM31200FSE SCHNEIDER-EZM31200FSE Datasheet
99Kb / 2P
EZM METER 3PH 1200A MAIN SW EUSERC
EZM31200FST SCHNEIDER-EZM31200FST Datasheet
58Kb / 2P
EZM METER 3PH 1200A MAIN SW OHONLY
EZM31200JCBT SCHNEIDER-EZM31200JCBT Datasheet
94Kb / 2P
EZM METER 3PH 1200A MAIN CB OHONLY 100KA
Mar 23, 2020
EZM11200FSB SCHNEIDER-EZM11200FSB Datasheet
96Kb / 2P
EZM METER 1PH 1200A SW UGONLY
Mar 23, 2020
EZM11200FSE SCHNEIDER-EZM11200FSE Datasheet
96Kb / 2P
EZM METER 1PH 1200A MAIN SW EUSERC
Mar 23, 2020
EZM11200GCBE SCHNEIDER-EZM11200GCBE Datasheet
86Kb / 2P
EZM METER 1PH 1200A MAIN CB EUSERC 65KA
Mar 23, 2020
EZM11200GCBT SCHNEIDER-EZM11200GCBT Datasheet
99Kb / 2P
EZM METER 1PH 1200A MAIN CB OHONLY 65KA
Mar 23, 2020
EZM11200GCBU SCHNEIDER-EZM11200GCBU Datasheet
87Kb / 2P
EZM METER 1PH 1200A MAIN CB UGONLY 76KA
EZM11200JCBE SCHNEIDER-EZM11200JCBE Datasheet
86Kb / 2P
EZM METER 1PH 1200A MAIN CB EUSERC 100KA
EZM11200JCBU SCHNEIDER-EZM11200JCBU Datasheet
87Kb / 2P
EZM METER 1PH 1200A MAIN CB UGONLY 100KA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com