Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL2070CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2070CS
Description  200MHz Current Feedback Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2070CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2070CS Datasheet HTML 1Page - Intersil Corporation EL2070CS Datasheet HTML 2Page - Intersil Corporation EL2070CS Datasheet HTML 3Page - Intersil Corporation EL2070CS Datasheet HTML 4Page - Intersil Corporation EL2070CS Datasheet HTML 5Page - Intersil Corporation EL2070CS Datasheet HTML 6Page - Intersil Corporation EL2070CS Datasheet HTML 7Page - Intersil Corporation EL2070CS Datasheet HTML 8Page - Intersil Corporation EL2070CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±7V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70mA
(Output is short-circuit protected to ground, however, maximum reliability is
obtained if IOUT does not exceed 70mA)
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . ±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
Disable Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VS, -1V
Thermal Resistance
. . . . . . . . . . . . . . . . . . . . . . . . .θJA = 95°C/W PDIP
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . θ
JA = 175°C/W SO-8
Applied Output Voltage (Disabled). . . . . . . . . . . . . . . . . . . . . . . .±VS
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C
Pin Temperature (Soldering, 5 Seconds). . . . . . . . . . . . . . . . . 300°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -60°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
VS = ±5V, RL = 100Ω unless otherwise specified
PARAMETER
DESCRIPTION
TEST
CONDITIONS
TEMP
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
25°C
2
5.5
mV
TMIN
8.2
mV
TMAX
9.0
mV
d(VOS)/dT
Average Offset
Voltage Drift
(Note 1)
All
10.0
40.0
µV/°C
+IIN
+Input Current
25°C, TMAX
10
25.0
µA
TMIN
36.0
µA
d(+IIN)/dT
Average +Input
Current Drift
(Note 1)
All
50.0
200.0
nA/°C
-IIN
-Input Current
25.0°C
10
30
µA
TMIN, TMAX
46
µA
d(-IIN)/dT
Average -Input
Current Drift
(Note 1)
All
50.0
200.0
nA/°C
PSRR
Power Supply
Rejection Ratio
All
45.0
50.0
dB
CMRR
Common-Mode
Rejection Ratio
All
40.0
50.0
dB
IS
Supply Current—Quiescent
No Load
All
16.0
20.0
mA
ISOFF
Supply Current—Disabled
(Note 2)
All
4.0
7.0
mA
+RIN
+Input Resistance
25°C, TMAX
100.0
200.0
k
Ω
TMIN
50.0
k
Ω
CIN
Input Capacitance
All
0.5
2.0
pF
ROUT
Output Impedance (DC)
All
0.1
0.2
Ω
ROUTD
Output Resistance (DC)
Disabled
All
100.0
200.0
k
Ω
COUTD
Output Capacitance (DC)
Disabled
All
0.5
2.0
pF
CMIR
Common-Mode
Input Range
(Note 3)
25°C, TMAX
2.0
2.1
V
TMIN
1.2
V
IOUT
Output Current
25°C, TMAX
50.0
70.0
mA
TMIN
35.0
mA
VOUT
Output Voltage Swing
No Load
All
3.3
3.5
V
EL2070



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com