Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OV9121 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 29Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28
Proprietary to OmniVision Technologies
Version 1.3, September 15, 2003
OV9625/OV9121
CMOS SXGA (1.3 MPixel) CAMERACHIP™
Omni
ision
Package Specifications
The OV9625/OV9121 uses a 48-pin ceramic package. Refer to Figure 21 for package information and Figure 22 for the array
center on the chip.
Figure 21 OV9625/OV9121 Package Specifications
Table 12
OV9625/OV9121 Package Dimensions
Dimensions
Millimeters (mm)
Inches (in.)
Package Size
14.22 + 0.30 / -0.13 SQ
.560 + .012 / - .005 SQ
Package Height
2.23 + 0.28
.088 + .011
Substrate Height
0.51 + 0.05
.020 + .002
Cavity Size
8.89 + 0.13 SQ
.350 + .005 SQ
Castellation Height
1.14 + 0.13
.045 + .005
Pin #1 Pad Size
0.51 x 2.16
.020 x .085
Pad Size
0.51 x 1.02
.020 x .040
Pad Pitch
1.02 + 0.08
.040 + .003
Package Edge to First Lead Center
1.524 + 0.25 / -0.13
.06 + .010 / - .005
End-to-End Pad Center-Center
11.18 + 0.13
.440 + .005
Glass Size
12.40 + 0.10 SQ / 13.00 + 0.10 SQ
.488 + .004 SQ / .512 + .004 SQ
Glass Height
0.55 + 0.05
.022 + .002
.022 ± .004
0.0287
Image
Plane
.001 to .005 TYP
.030 ± .002
.065 ± .007
.088 ± .011
.020 ± .002
.015 ± .002
31
1
19
30
31
42
.350 SQ ± .005
.430 SQ ± .005
30
42
.032 MIN
43
43
19
18
18
48
48
1
6
6
7
7
.560 SQ + .012 / - .005
Pin 1
Index
.06 + .010 / - .005
.085 TYP
R .0075
(48 PLCS)
R .0075
(4 CORNERS)
.040 TYP
.040 ± .003
31
42
30
19
.440 ± .005
43
48
1
6
7
18
.020 TYP
.488
.012 TYP
REF
± .004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com