Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC8560 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC8560
Description  The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8560 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC8560 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Silan
Semiconductors
SC8560
HANGZHOU SILAN MICROELECTRONICS CO.,LTD.
Rev: 1.1
2003.06.26
3
ABSOLUTE MAXIMUM RATINGS (Ta =25°C, Vss =0V)
Characteristic
Symbol
Condition
Value
Unit
Maximum Supply Voltage
VDD max.
-15.0 ~ + 0.3
V
Input Voltage 1
VIN(1)
50/60Hz input
-15.0 ~ + 0.3
V
Input Voltage 2 (except pin 26)
VIN(2)
Except 50/60Hz input
-15.0 ~ + 0.3
V
Output Voltage
VOUT
-15.0 ~ + 0.3
V
Input Clamp current( pin 26)
IIN
50/60Hz input
-0.4 ~ +0.4
mA
Allowable Power Dissipation
PD
Ta=70
°C
700
mW
Operating Temperature
Topr
-30 ~ +70
°C
Storage Temperature
Tstg
-55
+125
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, VDD=-12.0V, VSS=0V,Unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
-14.0
-7.5
V
Input “H” level Voltage
VIH(1)
50/60Hz Input
-1.0
V
Input “L” level Voltage
VIL(1)
50/60Hz Input
VDD+2
V
Input “H” level Voltage
VIH(2)
Except 50/60Hz input
-1.5
V
Input “L” level Voltage
VIL(2)
Except 50/60Hz input
VDD+2
V
50/60 Hz input pin input voltage
VAC-IN
VLED
V
Input “H” level current(1)
IIH1
50/60Hz Input, VIN=VSS
10
μA
Input “L” level current(1)
IIL1
50/60Hz Input, VIN=VDD
10
μA
Input “H” level current(2)
IIH2
Input pins other than 50/60Hz
Input,VIN=VSS
20
μA
Input “L” level current(2)
IIL2
Input pins other than 50/60Hz
Input,VIN=VDD
10
μA
Output “H” level current(1)
IOH1
Alarm output and sleep output,
VOH=VSS-1V
5
mA
Output leakage current(1)
IOF1
Alarm output and sleep output,
VOUT=VDD
10
μA
Output “H” level current(2)
IOH2
AM& 10’S HR ag&de (24H
mode),VOUT=VDD-1V
36
mA
Output leakage current(2)
IOF2
AM& 10’S HR ag&de (24H
mode),VOUT=VDD
20
μA
Output “H” level current(3)
IOH3
Segment Output other than
those listed above , VOUT=Vss-
1V
18
mA
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com