Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BUV26G Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUV26G
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV26G Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUV26G Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV26G Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistors
BUV26G
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 90V(Min)
·
High Switching Speed
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Designed for fast switching applications such as high
frequency and efficiency converters, switching regulators
and motor control.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
180
V
VCEO
Collector-Emitter Voltage
90
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
14
A
ICM
Collector Current-Peak
25
A
IB
Base Current-Continuous
4
A
IBM
Base Current-Peak
6
A
PC
Collector Power Dissipation
@ TC=25℃
65
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.92
℃
/W


Similar Part No. - BUV26G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUV26G ONSEMI-BUV26G Datasheet
46Kb / 3P
Switchmode Series NPN Silicon Power Transistor
August, 2005 ??Rev. 1
BUV26G ONSEMI-BUV26G Datasheet
87Kb / 3P
Switchmode Series NPN Silicon Power Transistor
July, 2011 ??Rev. 2
BUV26G ONSEMI-BUV26G Datasheet
85Kb / 4P
Switch-mode Series NPN Silicon Power Transistor
November, 2014 ??Rev. 6
More results

Similar Description - BUV26G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com