Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RB5P006AM Datasheet(PDF) 1 Page - Sharp Corporation

Part # RB5P006AM
Description  Video Interface ICs for TFT-LCDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

RB5P006AM Datasheet(HTML) 1 Page - Sharp Corporation

  RB5P006AM Datasheet HTML 1Page - Sharp Corporation RB5P006AM Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RB5P0070M
Video Interface ICs for TFT-LCDs
< Outline >
The RB5P0070M is a video interface IC that can be adapted for use with digital TFT color liquid crystal display equipment,
and because it can be used with composite video, Y/C, and analog RGB signal input, it is highly suited to systems that
display television images, such as car navigation and portable DVD players.
< Main Specifications >
< System Configuration Example >
- For digital signal input TFT-LCD panel
- Built-in composite video input signal,
Y/C input signal, analog RGB input signal.
- Built-in 8-bit 3ch ADC
- For VGA wide
(800 x 480 dot, aspect ratio 16:9)
- 16-bit YUV output mode
- Color decode: NTSC/PAL
- Supply voltage: 2.7 to 3.6 V
6.5 to 8.0 V
- Power consumption: 330 mW(TYP.)
- ADC clock frequency: 36 MHz (MAX.)
- Operating temperature: -30 to 85 ℃
- Package: 72QFP(P-QFP072-1010)
NEW PRODUCT
INFORMATION
Television
tuner
Timing
generator
RB5P0070M
DSP
Animation correspondence digital input panel
[SHARP’s : LQ042B5DG02 /
LQ065Y5DG01 /
LQ070Y5DR03 ]
TFT-LCD
(Digital signal input)
Video/chroma
signal
processing
3-ch
8-bit ADC
・・・・


Similar Part No. - RB5P006AM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
RB5P0090M SHARP-RB5P0090M Datasheet
38Kb / 1P
Video Interface ICs for TFT-LCDs
More results

Similar Description - RB5P006AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX300 ETC-ACX300 Datasheet
39Kb / 2P
Low-temperature Polysilicon TFT LCDs
logo
Sharp Corporation
RB5P0090M SHARP-RB5P0090M Datasheet
38Kb / 1P
Video Interface ICs for TFT-LCDs
logo
Maxim Integrated Produc...
MAX9550 MAXIM-MAX9550 Datasheet
823Kb / 12P
High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
MAX9550 MAXIM-MAX9550_07 Datasheet
497Kb / 12P
High-Current VCOM Drive Buffers for TFT LCDs
Rev 3; 10/07
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
41696005X-3 ETC2-41696005X-3 Datasheet
814Kb / 56P
PC, DVI, VIDEO, HD Component INTERFACE CONTROLLER FOR TFT PANEL
41721003X-3 ETC2-41721003X-3 Datasheet
1Mb / 67P
PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41725001X-3 ETC2-41725001X-3 Datasheet
1Mb / 70P
PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
4169900304X-3 ETC2-4169900304X-3 Datasheet
521Kb / 39P
PC, DVI & VIDEO INTERFACE CONTROLLER FOR TFT PANEL
logo
Maxim Integrated Produc...
MAX9650 MAXIM-MAX9650_V01 Datasheet
1Mb / 9P
High-Current VCOM Drive Op Amps for TFT LCDs
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com