Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC8132QR Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8132QR
Description  2.488Gb/s 1:32 SONET/SDH Demux
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8132QR Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8132QR Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8132
2.488Gb/s 1:32 SONET/SDH Demux
G52250-0, Rev 3.1
Page 13
12/7/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Thermal Considerations
The VSC8132 has been enhanced with a copper heat slug to provide a low thermal resistance path from the
die to the exposed surface of the heat spreader. The thermal resistance is shown in Table 4.
Table 4: Thermal Resistance
Thermal Resistance with Airflow
Thermal resistance with airflow is shown in Table 5. The thermal resistance value reflects all the thermal
paths including through the leads in an environment where the leads are exposed. The temperature difference
between the ambient airflow temperature and the case temperature should be the worst-case power of the device
multiplied by the thermal resistance.
Table 5: Thermal Resistance with Airflow
Maximum Ambient Temperature without Heatsink
The worst case ambient temperature without use of a heatsink is given by the equation:
where:
TA(MAX) Ambient air temperature
Τ
C(MAX)
Case temperature (+85oC)
P(MAX)
Power (2.05W)
θ
CA
Theta case-to-ambient at appropriate airflow
Symbol
Description
°C/W
θ
JC
Thermal resistance from junction-to-case.
2.2
θ
JA
Thermal resistance from junction-to-ambient with no airflow, including
conduction through the leads.
26.8
Airflow
θ
CA (
oC/W)
100 lfpm
19.8
200 lfpm
16.7
400 lfpm
14.6
600 lfpm
13.0
T
AMAX
()
T
CMAX
()
P
–
MAX
()θCA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com