Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC3544IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC3544IPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC3544IPWR Datasheet HTML 3Page - Texas Instruments TLC3544IPWR Datasheet HTML 4Page - Texas Instruments TLC3544IPWR Datasheet HTML 5Page - Texas Instruments TLC3544IPWR Datasheet HTML 6Page - Texas Instruments TLC3544IPWR Datasheet HTML 7Page - Texas Instruments TLC3544IPWR Datasheet HTML 8Page - Texas Instruments TLC3544IPWR Datasheet HTML 9Page - Texas Instruments TLC3544IPWR Datasheet HTML 10Page - Texas Instruments TLC3544IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
general electrical characteristics over recommended operating free-air temperature range,
single-ended input, normal long sampling, 200 KSPS, AVDD = 5 V, external reference (VREFP = 4 V,
VREFM = 0 V) or internal reference, SCLK frequency = 25 MHz, fixed channel at CONV mode 00,
analog input signal source resistance = 25
Ω (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Resolution
14
bits
Analog Input
Voltage range
0
Reference
V
Leakage current
0.01
0.05
µA
Capacitance
30
pF
Reference
Internal reference voltage
3.85
4
4.07
V
Internal reference temperature
coefficient
100
ppm/
°C
Internal reference source current
1.8
2.5
mA
Internal reference startup time
20
ms
VREFP
External positive reference voltage
3
5
V
VREFM
External negative reference voltage
0
AGND
V
No conversion (AVDD = 5 V,
CS = DVDD, SCLK = DGND)
100
M
Ω
External reference input impedance
Normal long sampling (AVDD = 5 V,
CS = DGND, SCLK = 25 MHz,
External conversion clock)
8.3
12.5
k
Ω
External reference current
No conversion (VREFP = AVDD = 5 V,
VREFM = AGND, External reference,
CS = DVDD)
1.5
µA
External reference current
Normal long sampling (AVDD = 5 V,
CS = DGND, SCLK = 25 MHz external
conversion clock at VREF = 5 V)
0.4
0.6
mA
Throughput Rate
f
Internal oscillation frequency
DVDD = 2.7 V to 5.5 V
6.5
MHz
Internal OSC, 6.5 MHz minute
2.785
t(conv)
Conversion time
Conversion clock is external source,
SCLK = 25 MHz (see Note 1)
2.895
µs
Acquisition time
Normal short sampling
1.2
µs
Throughput rate (see Note 2)
Normal long sampling, fixed channel in mode
00 or 01
200
KSPS
DC Accuracy—Normal Long Sampling
EL
Integral linearity error
See Note 3
–1
±0.5
1
LSB
ED
Differential linearity error
–1
±0.5
1
LSB
EO
Zero offset error
See Note 4
–3
±0.6
3
LSB
E(g+)
Gain error
See Note 4
0
5
12
LSB
† All typical values are at TA = 25°C.
NOTES:
1. Conversion time t(conv) = (18x4 / SCLK) + 15 ns.
2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required
to overcome the memory effect of the charge redistribution DAC (refer to Figure 8).
3. Linear error is the maximum deviation from the best fit straight line through the A/D transfer characteristics.
4. Zero offset error is the difference between 0000000000000 and the converted output for zero input voltage; gain error is the
difference between 11111111111111 and the converted output for full-scale input voltage. The full-scale input voltage is equal to the
reference voltage being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com