Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1350M Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MSC1350M
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MSC1350M Datasheet(HTML) 2 Page - Advanced Power Technology

  MSC1350M Datasheet HTML 1Page - Advanced Power Technology MSC1350M Datasheet HTML 2Page - Advanced Power Technology MSC1350M Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCXXXX.PDF 08-19-02
MSC1350M
*Applies only to rated RF Amplifier Operation
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 10mA
IE = 0mA
65
---
---
V
BVEBO
IE = 1mA
IC = 0mA
3.5
---
---
V
BVCER
IC = 25mA
RBE = 10
Ω
Ω
65
---
---
V
ICES
VCE = 50 V
---
---
25
mA
hFE
VCE = 5 V
IC = 1A
15
---
120
---
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 1090 MHz
PIN = 70W
VCC = 50V
350
360
---
W
ηη
C
f = 1090 MHz
PIN = 70W
VCC = 50V
40
44
---
%
GP
f = 1090 MHz
PIN = 70W
VCC = 50V
7.0
7.1
---
dB
Condition
s
Pulse Width = 10uS
Duty Cycle = 1%
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN (
Ω
Ω)
ZCL (
Ω
Ω)
1025 MHz
5.0 + j5.0
7.0 - j2.5
1090 MHz
7.0 + j2.5
7.5 - j2.8
1150 MHz
3.6 + j2.5
6.8 - j2.7
VCC = 50V
PIN = 70W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com