| Electronic Components Datasheet Search |
|
TS80C31X2-VCAD Datasheet(PDF) 13 Page - TEMIC Semiconductors |
|
|
|||||||||||||||||||||||||||||
TS80C31X2-VCAD Datasheet(HTML) 13 Page - TEMIC Semiconductors |
|
13 / 40 page ![]() Rev. A - Mar. 19, 1999 13 Preliminary TS80C31X2 Software may examine FE bit after each reception to check for data errors. Once set, only software or a reset can clear FE bit. Subsequently received frames with valid stop bits cannot clear FE bit. When FE feature is enabled, RI rises on stop bit instead of the last data bit (See Figure 5. and Figure 6.). Figure 5. UART Timings in Mode 1 Figure 6. UART Timings in Modes 2 and 3 6.3.2 Automatic Address Recognition The automatic address recognition feature is enabled when the multiprocessor communication feature is enabled (SM2 bit in SCON register is set). Implemented in hardware, automatic address recognition enhances the multiprocessor communication feature by allowing the serial port to examine the address of each incoming command frame. Only when the serial port recognizes its own address, the receiver sets RI bit in SCON register to generate an interrupt. This ensures that the CPU is not interrupted by command frames addressed to other devices. If desired, you may enable the automatic address recognition feature in mode 1. In this configuration, the stop bit takes the place of the ninth data bit. Bit RI is set only when the received command frame address matches the device’s address and is terminated by a valid stop bit. To support automatic address recognition, a device is identified by a given address and a broadcast address. NOTE: The multiprocessor communication and automatic address recognition features cannot be enabled in mode 0 (i.e. setting SM2 bit in SCON register in mode 0 has no effect). Data byte RI SMOD0=X Stop bit Start bit RXD D7 D6 D5 D4 D3 D2 D1 D0 FE SMOD0=1 RI SMOD0=0 Data byte Ninth bit Stop bit Start bit RXD D8 D7 D6 D5 D4 D3 D2 D1 D0 RI SMOD0=1 FE SMOD0=1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |