Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HX6228ASHT Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HX6228ASHT
Description  128K x 8 STATIC RAM-SOI HX6228
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6228ASHT Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HX6228ASHT Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX6228ASHT Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6228ASHT Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6228ASHT Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6228ASHT Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6228ASHT Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6228ASHT Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6228ASHT Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6228ASHT Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HX6228
2
FUNCTIONAL DIAGRAM
CE
NCS
NWE
NOE
MODE
DQ
H
L
H
L
Read
Data Out
H
L
L
X
Write
Data In
X
H
XX
XX
Deselected
High Z
L
X
XX
XX
Disabled
High Z
TRUTH TABLE
SIGNAL DEFINITIONS
A: 0-16
Address input pins which select a particular eight-bit word within the memory array.
DQ: 0-7
Bidirectional data pins which serve as data outputs during a read operation and as data inputs during a write
operation.
NCS
Not chip select, when at a low level allows normal operation. When at a high level NCS forces the SRAM to
a precharge condition, holds the data output drivers in a high impedance state and disables all the input
buffers except CE. If this signal is not used it must be connected to VSS.
NWE
Negative write enable, when at a low level activates a write operation and holds the data output drivers in
a high impedance state. When at a high level NWE allows normal read operation.
NOE
Negative output enable, when at a high level holds the data output drivers in a high impedance state. When
at a low level, the data output driver state is defined by NCS, NWE and CE. If this signal is not used it must
be connected to VSS.
CE
Chip enable, when at a high level allows normal operation. When at a low level CE forces the SRAM to a
precharge condition, holds the data output drivers in a high impedance state and disables all the input buffers
except the NCS input buffer. If this signal is not used it must be connected to VDD.
Notes:
X: VI=VIH or VIL
XX: VSS
≤VI≤VDD
NOE=H: High Z output state maintained
for NCS=X, CE=X, NWE=X
NCS
A:3-7,12,14-16
CE
NWE
NOE
WE • CS • CE
NWE • CS • CE • OE
Column Decoder
Data Input/Output
Row
Decoder
131,072 x 8
Memory
Array
A:0-2, 8-11, 13
#
Signal
All controls must be
enabled for a signal to
pass. (#: number of
buffers, default = 1)
1 = enabled
Signal
8
DQ:0-7
(0 = high Z)
•
•
•
•
•
•
8
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com