Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM42BDS640AGBC9IT Datasheet(PDF) 13 Page - SPANSION

Part # AM42BDS640AGBC9IT
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS640AGBC9IT Datasheet(HTML) 13 Page - SPANSION

Back Button AM42BDS640AGBC9IT Datasheet HTML 9Page - SPANSION AM42BDS640AGBC9IT Datasheet HTML 10Page - SPANSION AM42BDS640AGBC9IT Datasheet HTML 11Page - SPANSION AM42BDS640AGBC9IT Datasheet HTML 12Page - SPANSION AM42BDS640AGBC9IT Datasheet HTML 13Page - SPANSION AM42BDS640AGBC9IT Datasheet HTML 14Page - SPANSION AM42BDS640AGBC9IT Datasheet HTML 15Page - SPANSION AM42BDS640AGBC9IT Datasheet HTML 16Page - SPANSION AM42BDS640AGBC9IT Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
12
Am42BDS640AG
November 1, 2002
P R E L I M INARY
Table 1.
Device Bus Operations
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 9–11 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
= Active edge of CLK,
= Pulse Low,
= Rising edge of Pulse Low
Notes:
1.
Other operations except for those indicated in this column are
inhibited.
2.
Do not apply CE#f = V
IL, CE1#s = VIL and CE2s = VIH at the same
time.
3.
Either CE1#s = V
IH or CE2s = VIL will disable the SRAM. If one of
these conditions is true, the other CE input is don’t care.
4.
X = Don’t care or open LB#s or UB#s.
5.
Default edge of CLK is the rising edge.
6.
The sector protect and sector unprotect functions may also be
implemented via programming equipment. See the “Sector
Lock/Unlock Command Sequence”section.
7.
If ACC = V
HH, all sectors will be protected.
8.
If WP# = VIL, sectors 0,1 (bottom boot) or sectors 132, 133 (top
boot) are protected. If WP# = V
IH, the protection applied to the
aforementioned sectors depends on whether they were last
protected or unprotected using the method described in
“Sector
Lock/Unlock Command Sequence”. Note that WP# must not be left
floating or unconnected.
Operation
CE#f
CE1#s
CE2s
OE#
WE#
A
[21–0]
DQ
[15–8]
DQ
[7–0]
LB#s
UB#s
RESET#
CLK
AVD#
(Note 3)
(Note 4)
Asynchronous Read from Flash,
Addresses Latched
LH
L
L
H
A
IN
I/O
X
X
H
X
Asynchronous Read from Flash,
Addresses Steady State
LH
L
L
H
A
IN
I/O
X
X
H
X
L
Asynchronous Write to Flash
L
H
L
H
L
A
IN
I/O
X
X
H
X
L
Synchronous Write to Flash
L
H
L
H
L
A
IN
I/O
X
X
H
X
CE# Standby
H
H
L
X
X
Hi-Z
Hi-Z
X
X
H
X
X
Output Disable
L
HL
H
H
Hi-Z
Hi-Z
Hi-Z
LX
HX
X
HL
X
L
Hardware Reset
X
H
L
X
X
Hi-Z
Hi-Z
Hi-Z
X
X
L
X
X
Read from SRAM
H
L
H
L
H
A
IN
D
OUT
D
OUT
LL
HX
X
D
OUT
Hi-Z
H
L
Hi-Z
D
OUT
LH
Wirte to SRAM
H
L
H
X
L
A
IN
D
IN
D
IN
LL
HX
X
D
IN
Hi-Z
H
L
HI-Z
D
IN
LH
Flash Burst Read Operations
Load Starting Burst Address
L
H
L
X
H
Addr In
X
X
X
H
Advance Burst to next address with
appropriate Data presented on the
Data Bus
LH
L
L
H
HIGH
Z
Burst
Data Out
XX
H
H
Terminate current Burst read cycle
H
H
L
X
H
Hi-Z
Hi-Z
X
X
H
X
Terminate current Burst read cycle
via RESET#
XH
L
X
H
Hi-Z
Hi-Z
X
X
L
X
X
Terminate current Burst read cycle
and start new Burst read cycle
L
H
L
X
H
Hi-Z
I/O
X
X
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com