Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCA-15 Datasheet(PDF) 2 Page - Stanford Microdevices

Part # SCA-15
Description  DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SCA-15 Datasheet(HTML) 2 Page - Stanford Microdevices

  SCA-15 Datasheet HTML 1Page - Stanford Microdevices SCA-15 Datasheet HTML 2Page - Stanford Microdevices SCA-15 Datasheet HTML 3Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|S11| vs. Frequency
|S21| vs. Frequency
|S12| vs. Frequency
|S22| vs. Frequency
Output Power vs. Frequency
Typical S-Parameters Vds = 4.0V, Id = 50mA
SCA-15 DC-3 GHz Cascadable MMIC Amplifier
(S-Parameters include the effects of two 1.0 mil diameter bond wires, each 20 mils long, connected to the gate and drain pads on the die)
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
-20
-15
-10
-5
0
0.1
1
2
3
10
12
14
16
0.1
1
2
3
-20
-18
-16
-14
-12
-10
0.1
1
2
3
-20
-15
-10
-5
0
0.1
1
2
3
dBm
dB
GHz
GHz
dB
dB
GHz
GHz
dB
GHz
Freq GHz
|S11|
S11 Ang
|S21|
S21 Ang
|S12|
S12 Ang
|S22|
S22 Ang
.100
0.284
125
4.182
152
0.143
-24
0.235
131
.500
0.297
119
4.170
138
0.139
-33
0.249
119
.900
0.320
73
4.042
107
0.135
-58
0.276
75
1.00
0.327
62
4.025
98
0.136
-64
0.285
63
1.50
0.354
8
3.948
60
0.133
-96
0.319
10
2.00
0.360
-44
3.983
21
0.130
-125
0.338
-43
2.50
0.344
-97
3.777
-20
0.133
-157
0.339
-97
3.00
0.307
-152
3.618
-55
0.137
-167
0.320
-151
Typical Performance at 25
°°°°° C (Vds = 4.0V, Ids = 50mA)
12
13
14
15
16
0.1
1
2
3
5-146



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com