Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBM15R13 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBM15R13
Description  N-Channel 500 V (D-S) Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBM15R13 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBM15R13 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBM15R13 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBM15R13 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBM15R13 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBM15R13 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBM15R13 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBM15R13 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBM15R13 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBM15R13 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greasd Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-0.50
SPECIFICATIONS
(TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
500
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.55
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20V
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
25
μA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 8.4 Ab
-
0.660
Forward Transconductance
gfs
VDS = 50 V, ID = 8.4 A
8.1
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
1910
-
pF
Output Capacitance
Coss
-
290
-
Reverse Transfer Capacitance
Crss
-11
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V, f = 1.0 MHz
-
2730
-
VDS = 400 V, f = 1.0 MHz
-
82
-
Effective Output Capacitance
Coss eff.
VDS = 0 V to 400 Vc
-
160
-
Total Gate Charge
Qg
VGS = 10 V
ID = 14 A, VDS = 400 V,
see fig. 6 and 13b
--
81
nC
Gate-Source Charge
Qgs
--
20
Gate-Drain Charge
Qgd
--
36
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 14 A,
Rg = 7.5,
see fig. 10b
-15
-
ns
Rise Time
tr
-39
-
Turn-Off Delay Time
td(off)
-39
-
Fall Time
tf
-31
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
A
Pulsed Diode Forward Currenta
ISM
--
56
Body Diode Voltage
VSD
TJ = 25 °C, IS = 14 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 14 A,
TJ = 125 °C, dI/dt = 100 A/μsb
-
370
550
ns
Body Diode Reverse Recovery Charge
Qrr
-4.4
6.5
μC
Body Diode Reverse Recovery Current
IRRM
-21
31
A
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G
www.VBsemi.com
VBM15R13
13
-
-
-
±
nA
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com