Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBMB17R07 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBMB17R07
Description  N-Channel 700 V (D-S) Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB17R07 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBMB17R07 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBMB17R07 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB17R07 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB17R07 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB17R07 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB17R07 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB17R07 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB17R07 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes
a. Coss(er) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 % to 80 % VDSS
b. Coss(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDSS
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum junction-to-ambient
RthJA
43
65
°C/W
Maximum junction-to-case (drain)
RthJC
3.1
4.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = 250 μA
700
-
-
V
VDS temperature coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.73
-
V/°C
Gate-source threshold voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
2
-
4
V
Gate-source leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
VGS = ± 30 V
-
-
± 1
μA
Zero gate voltage drain current
IDSS
VDS = 700 V, VGS = 0 V
-
-
1
μA
VDS = 560 V, VGS = 0 V, TJ = 125 °C
-
-
10
Drain-source on-state resistance
RDS(on)
VGS = 10 V
ID = 3 A
-
1.36
Forward transconductance
gfs
VDS = 30 V, ID = 3 A
-
2
-
S
Dynamic
Input capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
410
820
pF
Output capacitance
Coss
20
Reverse transfer capacitance
Crss
24
Effective output capacitance, energy
related a
Co(er)
VDS = 0 V to 560 V, VGS = 0 V
-36
-
Effective output capacitance, time
related b
Co(tr)
-
117
-
Total gate charge
Qg
VGS = 10 V
ID = 3 A, VDS = 520 V
-24
48
nC
Gate-source charge
Qgs
-6
-
Gate-drain charge
Qgd
-11
-
Turn-on delay time
td(on)
VDD = 560 V, ID = 3 A,
VGS = 10 V, Rg = 9.1 
-14
28
ns
Rise time
tr
-12
24
Turn-off delay time
td(off)
-30
60
Fall time
tf
-20
40
Gate input resistance
Rg
f = 1 MHz, open drain
0.4
1.4
2.7
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
7
A
Pulsed diode forward current
ISM
--
18
Diode forward voltage
VSD
TJ = 25 °C, IS = 3 A, VGS = 0 V
-
0.83
1.3
V
Reverse recovery time
trr
TJ = 25 °C, IF = IS = 3 A,
dI/dt = 100 A/μs, VR = 25 V
118
237
474
ns
Reverse recovery charge
Qrr
-2.2
-
μC
Reverse recovery current
IRRM
-16
-
A
S
D
G
2
www.VBsemi.com
VBMB17R07
-
60
-
-
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com