Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T62LC6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 7Page - STMicroelectronics M41T62LC6F Datasheet HTML 8Page - STMicroelectronics M41T62LC6F Datasheet HTML 9Page - STMicroelectronics M41T62LC6F Datasheet HTML 10Page - STMicroelectronics M41T62LC6F Datasheet HTML 11Page - STMicroelectronics M41T62LC6F Datasheet HTML 12Page - STMicroelectronics M41T62LC6F Datasheet HTML 13Page - STMicroelectronics M41T62LC6F Datasheet HTML 14Page - STMicroelectronics M41T62LC6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
3
Clock operation
The M41T6x is driven by a quartz-controlled oscillator with a nominal frequency of 32.768 kHz. The accuracy of
the real-time clock depends on the frequency of the quartz crystal that is used as the time-base for the RTC.
The eight byte clock register (see Table 3. M41T62 register map, Table 4. M41T64 register map, and
Table 5. M41T65 register map) is used to both set the clock and to read the date and time from the clock, in a
binary-coded decimal format. Tenths/hundredths of seconds, seconds, minutes, and hours are contained within
the first four registers.
A WRITE to any clock register will result in the tenths/hundredths of seconds being reset to “00,” and tenths/
hundredths of seconds cannot be written to any value other than “00.”
Bits D0 through D2 of register 04h contain the day (day of week). Registers 05h, 06h, and 07h contain the date
(day of month), month, and years. The ninth clock register is the calibration register (this is described in the clock
calibration section). Bit D7 of register 01h contains the STOP bit (ST). Setting this bit to a '1' will cause the
oscillator to stop. When reset to a '0' the oscillator restarts within one second (typical).
Upon initial power-up, the user should set the ST bit to a '1,' then immediately reset the ST bit to '0.' This provides
an additional “kick-start” to the oscillator circuit.
Bit D7 of register 02h (minute register) contains the oscillator fail interrupt enable bit (OFIE). When the user sets
this bit to '1,' any condition which sets the oscillator fail bit (OF) (see Section 3.11 Oscillator stop detection) will
also generate an interrupt output.
Bits D6 and D7 of clock register 06h (century/month register) contain the CENTURY bit 0 (CB0) and CENTURY
bit 1 (CB1).
A WRITE to ANY location within the first eight bytes of the clock register (00h-07h), including the OFIE bit, RS0-
RS3 bit, and CB0-CB1 bits will result in an update of the system clock and a reset of the divider chain. This could
result in an inadvertent change of the current time. These non-clock related bits should be written prior to setting
the clock, and remain unchanged until such time as a new clock time is also written.
The eight clock registers may be read one byte at a time, or in a sequential block. Provision has been made to
assure that a clock update does not occur while any of the eight clock addresses are being read. If a clock
address is being read, an update of the clock registers will be halted. This will prevent a transition of data during
the READ.
3.1
RTC registers
The M41T6x user interface is comprised of 16 memory mapped registers which include clock, calibration, alarm,
watchdog, flags, and square wave control. The eight clock counters are accessed indirectly via a set of buffer/
transfer registers while the other eight registers are directly accessed. Data in the clock and alarm registers is in
BCD format.
M41T62, M41T64, M41T65
Clock operation
DS3840 - Rev 24
page 11/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com