Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N4148WSL Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 1N4148WSL
Description  LED lights dedicated high-speed switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

1N4148WSL Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  1N4148WSL Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 1N4148WSL Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 1N4148WSL Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4148WSL SOD-323FL
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
LED lights dedicated high-speed switching diode
FEATURES
For surface mounted applications
Glass Passivated Chip Junction
Fast reverse recovery time
Ideal for automated placement
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SOD-323FL
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 4.5mg / 0.00016oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
 
SOD-323FL
Absolute Maximum Ratings at 25 °C
Parameter
Symbols
1N4148WSL
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS voltage
VRMS
75
V
Continuous Forward Current
IF
300
mA
Non-reptitive Peak Forward Surge Current at 1ms
IFSM
4
A
Total Power Dissipation
Ptot
400
mA
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
Characteristics at Ta = 25 °C
Parameter
Symbols
1N4148WSL
Units
Reverse BreakdownVoltage at IR=1μA
V(BR)R
75
V
at 1 mA
0.715
at 10 mA
0.855
at 50 mA
1.00
Maximum Forward Voltage
at 150 mA
VF
1.25
V
at VR=20V Tj=25°C
0.025
at VR=75V Tj=25°C
1
at VR=25V Tj=150°C
30
Peak Reverse Current
at VR=75V Tj=150°C
IR
50
uA
Typical Junction Capacitance f=1MHz,VR=4V
Cj
5
pF
Maximum Reverse Recovery Time
Trr
Typical
8
nS
Marking Code
1N4148WSL
T4


Similar Part No. - 1N4148WSL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
1N4148WS WTE-1N4148WS Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4148WS DIODES-1N4148WS Datasheet
62Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 4 - 2
logo
General Semiconductor
1N4148WS GE-1N4148WS Datasheet
209Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
More results

Similar Description - 1N4148WSL

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
1N4148WL-SOD123FL YFWDIODE-1N4148WL-SOD123FL Datasheet
469Kb / 3P
LED lights dedicated high-speed switching diode
1N4148WL YFWDIODE-1N4148WL Datasheet
458Kb / 3P
LED lights dedicated high-speed switching diode
1N4148WL YFWDIODE-1N4148WL_V01 Datasheet
458Kb / 3P
LED lights dedicated high-speed switching diode
logo
Rohm
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
Rectron Semiconductor
1N4148WL RECTRON-1N4148WL Datasheet
122Kb / 5P
LED lights dedicated high-speed switching diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com