Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9535B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9535B
Description  High Efficiency Switching Mode Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9535B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9535B Datasheet HTML 9Page - Richtek Technology Corporation RT9535B Datasheet HTML 10Page - Richtek Technology Corporation RT9535B Datasheet HTML 11Page - Richtek Technology Corporation RT9535B Datasheet HTML 12Page - Richtek Technology Corporation RT9535B Datasheet HTML 13Page - Richtek Technology Corporation RT9535B Datasheet HTML 14Page - Richtek Technology Corporation RT9535B Datasheet HTML 15Page - Richtek Technology Corporation RT9535B Datasheet HTML 16Page - Richtek Technology Corporation RT9535B Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RT9535B
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9535B-04
February
2016
www.richtek.com
13
Application Information
Input and Output Capacitors
In the typical application circuit, the input capacitor (C2)
is assumed to absorb all input switching ripple current
in the converter, so it must have adequate ripple
current rating. Typically, at high charging currents, the
converter will operate in continuous conduction mode.
In this case, the RMS current IRMSIN of the input
capacitor C2 can be estimated by the equation:
2
RMSIN
BATT
I
= I
D D

Where IBATT is the battery charge current and D is the
duty cycle. In worst case, the RMS ripple current will be
equal to one half of output charging current at 50% duty
cycle. For example, IBATT = 2A, the maximum RMS
current will be 1A. A low-ESR ceramic capacitor such
as X7R or X5R is preferred for the input-decoupling
capacitor and should be placed to the drain of the
high-side MOSFET and source of
the low-side
MOSFET as close as possible. The voltage rating of
the capacitor must be higher than the normal input
voltage level. Above 20
F capacitance is suggested for
typical of 2A charging current.
The output capacitor (CBATT) is also assumed to
absorb output switching current ripple. The general
formula for capacitor current is :
BATT
BATT
VIN
RMSCB
osc
V
V1
V
I
=
2
3 L1 f




 
For example, VVIN = 19V, VBATT = 8.4V, L1 = 10H,
and fOSC = 475kHz, IRMS = 0.15A.
EMI considerations usually make it desirable to
minimize ripple current in the battery leads. Beads or
inductors may be added to increase battery impedance
at the 475kHz switching frequency. Switching ripple
current splits between the battery and the output
capacitor depending on the ESR of the output capacitor
and the battery impedance. If the ESR of COUT is 0.2
and the battery impedance is raised to 4
 with a bead
or inductor, only 5% of the ripple current will flow in the
battery.
Inductor
The inductor value will be changed for more or less
current ripple. The higher the inductance, the lower the
current ripple will be. As the physical size is kept the
same, typically, higher inductance will result in higher
series resistance and lower saturation current. A good
tradeoff is to choose the inductor so that the current
ripple is approximately 30% to 50% of the full-scale
charge current. The inductor value is calculated as :
BATT
VIN
BATT
VIN
OSC
L
V
V
V
L1 =
V
f
I

 Δ
Where
IL is the inductor current ripple. For example,
VVIN = 19V, choose the inductor current ripple to be
40% of the full-scale charge current in the typical
application circuit for 2A, 2-cell battery charger,
IL =
0.8A, VBATT = 8.4V, calculate L1 to be 12H. So
choose L1 to be 10
H which is close to 12H.
Soft-Start and Under-Voltage Lockout
The soft-start is controlled by the voltage rise time at
VC pin. There are internal soft-start and external
soft-start in the RT9535B. With a 1
F capacitor, time to
reach full charge current is about 60ms and it is
assumed that input voltage to the charger will reach full
value in less than 60ms. The capacitor can be
increased if longer input start-up times are needed.
For the RT9535B, it provides Under-Voltage Lockout
(UVLO) protection. If LDO output voltage is lower than
3.9V, the internal top side power FET and input power
FET M1 will be cut off. This will protect the adapter from
entering a quasi “latch” state where the adapter output
stays in a current limited state at reduced output
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com