Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F479 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 23Page - STMicroelectronics STM32F479 Datasheet HTML 24Page - STMicroelectronics STM32F479 Datasheet HTML 25Page - STMicroelectronics STM32F479 Datasheet HTML 26Page - STMicroelectronics STM32F479 Datasheet HTML 27Page - STMicroelectronics STM32F479 Datasheet HTML 28Page - STMicroelectronics STM32F479 Datasheet HTML 29Page - STMicroelectronics STM32F479 Datasheet HTML 30Page - STMicroelectronics STM32F479 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
DocID029237 Rev 2
27/91
AN4861
LCD-TFT (LTDC) display controller description
89
3.3.2
Programmable layer: color framebuffer
Every layer has a dedicated configurable number of lines and line length for the color
framebuffer and for the pitch.
Color framebuffer address
Every layer has a start address for the color framebuffer configured through the
LTDC_LxCFBAR register.
Color framebuffer length (size)
The line length and the number of lines parameters are used to stop the prefetching of data
from the FIFO layer at the end of the framebuffer.
The line length (in bytes) is configurable in the LTDC_LxCFBLR register.
The number of lines (in bytes) is configurable in the LTDC_LxCFBLNR register.
Color framebuffer pitch
The pitch is the distance between the start of one line and the beginning of the next line in
bytes. It is configured in the LTDC_LxCFBLR register.
Pixel input format
The programmable pixel format is used in all the data stored in the framebuffer of each
LTDC layer.
For each layer a specific pixel input format can be configured separately. The LTDC can be
configured with up to eight programmable input color formats per layer.
Figure 18 illustrates the pixel data mapping versus the selected input color format.
Figure 18. Pixel data mapping versus color format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com