Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCPP01-M12 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB type-C port protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TCPP01-M12 Datasheet HTML 16Page - STMicroelectronics TCPP01-M12 Datasheet HTML 17Page - STMicroelectronics TCPP01-M12 Datasheet HTML 18Page - STMicroelectronics TCPP01-M12 Datasheet HTML 19Page - STMicroelectronics TCPP01-M12 Datasheet HTML 20Page - STMicroelectronics TCPP01-M12 Datasheet HTML 21Page - STMicroelectronics TCPP01-M12 Datasheet HTML 22Page - STMicroelectronics TCPP01-M12 Datasheet HTML 23Page - STMicroelectronics TCPP01-M12 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Table 13. QFN12 package mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A3
0.20
b
0.18
0.25
0.30
D
2.95
3.00
3.05
E
2.95
3.00
3.05
D2
1.30
1.45
1.55
E2
1.30
1.45
1.55
e
0.50
K
0.20
L
0.30
0.40
0.50
Figure 26. QFN12 recommended footprint
0.25
0.50
0.60
1.45
1.45
2.20
Figure 27. Package orientation in reel
Figure 28. Tape and reel orientation
TCPP01-M12
QFN12 package information
DS12900 - Rev 1
page 20/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com