Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-L6258EP Datasheet(PDF) 17 Page - STMicroelectronics

Part # E-L6258EP
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6258EP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button E-L6258EP Datasheet HTML 13Page - STMicroelectronics E-L6258EP Datasheet HTML 14Page - STMicroelectronics E-L6258EP Datasheet HTML 15Page - STMicroelectronics E-L6258EP Datasheet HTML 16Page - STMicroelectronics E-L6258EP Datasheet HTML 17Page - STMicroelectronics E-L6258EP Datasheet HTML 18Page - STMicroelectronics E-L6258EP Datasheet HTML 19Page - STMicroelectronics E-L6258EP Datasheet HTML 20Page - STMicroelectronics E-L6258EP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17/22
L6258EP
5.2 Motor Selection
Some stepper motor have such high core losses that they are not suitable for switch mode current regulation. Fur-
thermore, some stepper motors are not designed for continuous operating at maximum current. Since the circuit
can drive a constant current through the motor, its temperature might exceed, both at low and high speed operation.
5.3 Unused Inputs
Unused inputs should be connected to the proper voltage levels in order to get the highest noise immunity.
5.4 Notes on PCB Design
We recommend to observe the following layout rules to avoid application problems with ground and anomalous
recirculation current.
The by-pass capacitors for the power and logic supply must be kept as near as possible to the IC.
It's important to separate on the PCB board the logic and power grounds and the internal charge pump circuit
ground avoiding that ground traces of the logic signals cross the ground traces of the power signals.
Because the IC uses the board as a heat sink, the dissipating copper area must be sized in accordance with the
required value of Rthj-amb.
6
OPERATION MODE TIME DIAGRAMS
Figure 12. Full step operation mode timing diagram (Phase - DAC input and Motor Current)
Ph2
FULL Step Vector
0
23
1
0
3
2
1
0
Position
DAC 2
Inputs
0
Motor drive
Current 2
0
Motor drive
Current 1
I3_2
I2_2
I1_2
I3_1
0
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
DAC 1
Inputs
Phase
2
Phase
1
I0_2
I2_1
I1_1
I0_1
0
3
2
1
Ph1
Ph2
Ph1
D97IN629A
95.2%
19.1%
95.2%
19.1%
I3
I2
I1
I0
Current level
% of IMAX
0000
100
0001
98.4
0010
95.2
0011
92.1
0100
88.9
0101
82.5
0110
77.8
0111
71.4
1000
63.5
1001
55.6
1010
47.6
1011
38.1
1100
28.6
1101
19.1
1110
9.5
1111
No Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com