Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYNVC-179-005 Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # CYNVC-179-005
Description  Power Choke Coil VCSC108T MS6K type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CYNVC-179-005 Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  CYNVC-179-005 Datasheet HTML 1Page - Cyntec Co., Ltd. CYNVC-179-005 Datasheet HTML 2Page - Cyntec Co., Ltd. CYNVC-179-005 Datasheet HTML 3Page - Cyntec Co., Ltd. CYNVC-179-005 Datasheet HTML 4Page - Cyntec Co., Ltd. CYNVC-179-005 Datasheet HTML 5Page - Cyntec Co., Ltd. CYNVC-179-005 Datasheet HTML 6Page - Cyntec Co., Ltd. CYNVC-179-005 Datasheet HTML 7Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Dec., 2018
DOCUMENT : CYNVC-179-005
REVISION
: A5
PAGE
: 4 OF 7
Specifications
Part Number
L0 ◇
Inductance
(
H )
@ (0A)
Rdc ( m) ◇
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
K
Typical
Maximum
Typical
Maximum
Typical
Maximum
VCSC108T-100MS6K
10
31.0
37.2
5.3
4.8
12.4
10.6
> 0.95
VCSC108T-150MS6K
15
39.0
46.8
5.0
4.6
10.6
9.1
> 0.95
◇:
Significant Characteristic
* :If you require another part number please contact with us.
**:Inductance Tolerance
 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Test Condition:100KHz, 1.0Vrms
Note 3.: Idc : DC current (A) that will cause an approximate △T of 40℃
Note 4.: Isat : DC current (A) that will cause L0 to drop approximately 30%
Note 5.: K : Coefficient of coupling
Note 6.: Operating Temperature Range -55℃ to + 165℃
Note 7.: The part temperature (ambient + temp rise) should not exceed 165℃ under the worst case operating
conditions. Circuit design, component placement, PCB trace size and thickness, airflow and other
cooling provision all affect the part temperature. Part temperature should be verified in the end
application.
Note 8.: The rated current as listed is either the saturation current or the heating current depending on which
value is lower.
Note 9.: Cleaning Process Note
(a) If this power choke is dipped in the cleaning agent, such as toluene, xylene, ketone, and ether
system, there is a possibility that the performance decreases greatly
(b) The high power ultrasonic washing may damage the choke body.
(c) Please contact us if you need the cleaning via the above agents or ultrasonic washing.
Current Characteristic
0
20
40
60
80
100
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0123
456789 10 11 12 13 14 15 16
DC BIAS(Amps)
VCSC108T-100MS6K
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.0
3.0
6.0
9.0
12.0
15.0
18.0
012
3456789 10 11 12 13 14 15 16
DC BIAS(Amps)
VCSC108T-150MS6K
INDUCTANCE(μH)
TEMP. RISE(℃)
Issued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com